PART |
Description |
Maker |
PUMA2U1000M-15 PUMA2U1000M-20 PUMA2U1000I-17 PUMA2 |
8 SOIC, PB/HALO FREE, 1.8V(SERIAL EE) 10MS, 8 SOIC, IND TEMP, 2.7V(SERIAL EE) 5 TSOT23, PB/HALO FREE, IND. 1.8V(SERIAL EE) x32 EPROM Module X32号存储器模块
|
OSRAM GmbH
|
AM79C31AJCB AM79C31ADCB |
8-SOIC, PB/HALO FREE,2.7V(SERIAL EE) SERIAL E2, 2K (256 X 8/128 X 16), 3-WIRE, 1M CYC - 10MS, 8 S ISDN线路接口
|
Ironwood Electronics
|
AT24C1024B08 AT24C1024B-W-11 AT24C1024BN-SH-B AT24 |
Two-wire Serial EEPROM 1M (131,072 x 8) 8-TSSOP, PB/HALO FREE,NiPdAu, 2.5V(SERIAL EE) 128K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 8-dBGA2, PB/HALO FREE,1.8V(SERIAL EE)
|
ATMEL Corporation 聚兴科技股份有限公司 Atmel, Corp.
|
AM29LV800BT-80DTC2 AM29LV800BT-80DGI2 AM29LV800BT- |
25NS,OTP CERDIP,883C; LEV B FULLY CMPLNT(EPLD) 20NS, OTP, PLCC, COM TEMP(EPLD) 20NS, SOIC, IND TEMP(EPLD) 25NS, SOIC, COM TEMP(EPLD) 20NS,OTP LCC,883C; LEVEL B FULLY CMPLNT(EPLD) 10MHZ, 8 DIP, COM TEMP(FPGA) 10MHZ, 20 PLCC, IND TEMP(FPGA) 10MHZ, 32 TQFP, COM TEMP(FPGA) 10MHZ, 44 PLCC, COM TEMP(FPGA) 30MHZ, 3.3V, 20 PLCC, COM TEMP(FPGA) 8 TSSOP,PB/HALO FREE,IND,1.8V(SERIAL EE) DIE SALE, 1.8V, 11 MIL(SERIAL EE) 8 PDIP,PB/HALO FREE,IND TEMP,1.8V(SERIAL EE) 65K CONFIG MEM, 20 PLCC, IND TEMP(FPGA) 10MHZ, 20 SOIC, IND TEMP(FPGA) 128K CONFIG MEM, 20 PLCC, COM(FPGA) EEPROM EEPROM 10MHZ, 8 NSOIC, COM TEMP(FPGA) EEPROM 512K X 16 FLASH 3V PROM, 120 ns, UUC44 10MHZ, 8 LAP, 5K MOQ(FPGA) 10MHZ, 8 N-SOIC, COM TEMP(FPGA) 10MHZ, 20 PLCC, COM TEMP(FPGA) 512K X 16 FLASH 3V PROM, 80 ns, UUC44
|
ADVANCED MICRO DEVICES INC
|
SP3076EMN-L/TR SP3071EMN-L SP3071EMN-L/TR SP3070EM |
LINE TRANSCEIVER, PDSO14 LEAD FREE, MO-012AB, SOIC-14 LINE TRANSCEIVER, PDSO8 LEAD FREE, MO-012AA, SOIC-8
|
Exar, Corp. EXAR CORP
|
AT34C02C08 AT34C02CY6-YH-T AT34C02C-TH-B AT34C02CU |
8 TSSOP, PB/HALO FREE,1.8V(SERIAL EE) 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
|
Atmel, Corp. 聚兴科技股份有限公司 ATMEL Corporation
|
AT93C46Y6-10YH-1.8 AT93C46-10SU-2.7/SL383 |
8 ULTRA THIN,MINI MAP,PB/HALO FREE,IND T(SERIAL EE) 64 X 16 MICROWIRE BUS SERIAL EEPROM, DSO8 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8
|
Atmel, Corp. ATMEL CORP
|
PS7122A-2A PS7122A-1A PS7122AL-1A PS7122AL-1A-E4 P |
OCMOS FET High Voltage and High Speed power MOSFET and IGBT Half Bridge Driver in a 8-pin DIP package; A IR2308 packaged in a 8-Lead SOIC Dual Low Side Driver, Inverting Input in a 8-pin DIP package; A IR4426 packaged in a 8-Lead SOIC 1200V Half Bridge Driver IC for Power Switching Applications in a 24 Lead SSOP package; A IR2214 packaged in a Lead-Free 24 Lead SSOP FET-OUTPUT OPTOCOUPLER Single High Side Driver, Current Limiting, Programmable Shutdown Error Pin in a 8-pin DIP package; A IR2125 packaged in a Lead-Free 16-Lead SOIC shipped on Tape and Reel Half Bridge Driver, Single Input Plus Inverting Shutdown Pin, Fixed 520ns Deadtime in a 8-pin DIP package; A IR2104 packaged in a Lead-Free 8-Lead PDIP OCMOS场效应管 Optical Coupled MOS FET photocoupler(MOS 场效应管输出光光隔离器) 光纤耦合场效应晶体管光电耦合器(简称MOS场效应管输出光光隔离器
|
NEC, Corp.
|
P2P2305NZG-08SR |
LOW SKEW CLOCK DRIVER, PDSO8 0.150 MM, LEAD FREE, SOIC-8
|
Rectron Semiconductor
|
MAX6657YMSA MAX6657YMSAT |
DIGITAL TEMP SENSOR-SERIAL, 11BIT(s), 1Cel, RECTANGULAR, SURFACE MOUNT 0.150 INCH, LEAD FREE, MO-012AA, SOIC-8
|
Maxim Integrated Products, Inc.
|
PEEL18CV8P-25L PEEL18CV8J-25 PEEL18CV8J-25L PEEL18 |
EE PLD, 25 ns, PDIP20 0.300 INCH, LEAD FREE, PLASTIC, DIP-20 EE PLD, 25 ns, PQCC20 PLASTIC, LCC-20 EE PLD, 25 ns, PQCC20 LEAD FREE, PLASTIC, LCC-20 EE PLD, 25 ns, PDIP20 0.300 INCH, PLASTIC, DIP-20 EE PLD, 15 ns, PDIP20 0.300 INCH, LEAD FREE, PLASTIC, DIP-20 EE PLD, 10 ns, PQCC20 LEAD FREE, PLASTIC, LCC-20 EE PLD, 15 ns, PQCC20 PLASTIC, LCC-20 EE PLD, 10 ns, PQCC20 PLASTIC, LCC-20 EE PLD, 15 ns, PQCC20 LEAD FREE, PLASTIC, LCC-20 EE PLD, 7.5 ns, PQCC20 LEAD FREE, PLASTIC, LCC-20 EE PLD, 7.5 ns, PQCC20 PLASTIC, LCC-20 EE PLD, 25 ns, PDSO20 0.300 INCH, LEAD FREE, SOIC-20 EE PLD, 25 ns, PDSO20 0.300 INCH, SOIC-20 EE PLD, 7.5 ns, PDIP20 0.300 INCH, PLASTIC, DIP-20 EE PLD, 10 ns, PDSO20 0.300 INCH, SOIC-20 EE PLD, 10 ns, PDIP20 0.300 INCH, LEAD FREE, PLASTIC, DIP-20 EE PLD, 15 ns, PDSO20 0.170 INCH, LEAD FREE, TSSOP-20 EE PLD, 15 ns, PDSO20 0.170 INCH, TSSOP-20 EE PLD, 15 ns, PDSO20 0.300 INCH, LEAD FREE, SOIC-20 EE PLD, 10 ns, PDIP20 0.300 INCH, PLASTIC, DIP-20 EE PLD, 15 ns, PDSO20 0.300 INCH, SOIC-20
|
Diodes, Inc. DIODES INC
|
|