PART |
Description |
Maker |
0380520000 |
Modular Terminal; Wire Size (AWG):8; Mounting Type:Clipped; Current Rating:36A; Series:Sak Series; Width:8mm RoHS Compliant: Yes 47 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
19193-0298 19193-0296 19063-0125 19193-0305 19193- |
RING VERSAKRIMP (G-374-38) SPM COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (G-374-12) SPM COPPER ALLOY, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):1/0; Stud Size:5/16; Insulator Color:Blue; Series:RING NYLAKRIMP (H-781-56) COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (G-375-14) SPM RoHS Compliant: Yes COPPER ALLOY, RING TERMINAL Versakrimp RingTongue Terminal, 2AWG COPPER ALLOY, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):2/0; Stud Size:1/4 COPPER ALLOY, RING TERMINAL 191930348 COPPER ALLOY, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):2; Stud Size:5/16; Insulator Color:Red; Series:RING VERSAKRIMP (G-374-56) COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (K-390-38) COPPER ALLOY, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):2; Stud Size:5/16; Insulator Color:Red; Series:RING NYLAKRIMP (G-775-56) COPPER ALLOY, RING TERMINAL 190670092 COPPER ALLOY, TIN FINISH, RING TERMINAL RING NYLAKRIMP FUNNEL ENTRY (H-982-34) COPPER ALLOY, TIN FINISH, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):2/0; Stud Size:5/8 COPPER ALLOY, RING TERMINAL RING NYLAKRIMP FUNNEL ENTRY (H-982-38) COPPER ALLOY, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):2; Stud Size:1/4; Insulator Color:Red; Series:RING NYLAKRIMP (G-775-14) COPPER ALLOY, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):2/0; Stud Size:3/8
|
Molex, Inc. MOLEX INC
|
19070-0044 19070-0040 19070-0042 19070-0005 19070- |
190700044 0.8 mm2, COPPER ALLOY, WIRE TERMINAL CONN RING TERM #6 18-22AWG 0.8 mm2, COPPER ALLOY, WIRE TERMINAL TERM,LUG,RING,6,STUD,22-16AWG 0.8 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (AA-220-02X) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP TAPED (AA-222-14XT) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL 190700006 0.8 mm2, COPPER ALLOY, WIRE TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):18-22; Series:RING INSULKRIMP TAPED (AA-220-06XT) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc. MOLEX INC
|
AM29F010A-70 AM29F010A-90 AM29F010A-45 AM29F010A-1 |
LM120/LM320 Series 3-Terminal Negative Regulators; Package: TO-220; No of Pins: 3; Qty per Container: 45; Container: Rail 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory LM120/LM320 Series 3-Terminal Negative Regulators; Package: TO-3; No of Pins: 2; Qty per Container: 50; Container: Tray
|
Advanced Micro Devices, Inc.
|
1120-222K-RC 1120-1R2M-RC 1120-680K-RC 1120-681K-R |
RF Choke; Series:1120; Inductance:2.2mH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:800mA; DC Resistance Max:1.54ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.2uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:11.4A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:68uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:4.8A; DC Resistance Max:0.053ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:680uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.430ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.8uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:11.4A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:330uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.305ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:470uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.355ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.5mH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:800mA; DC Resistance Max:1.26ohm; Leaded Process Compatible:Yes; Body Material:Ferrite Very high current capacity
|
BOURNS INC Bourns Electronic Solut...
|
1140-4R7M-RC 1140-101K-RC 1140-3R3M-RC 1140-681K-R |
RF Choke; Series:1140; Inductance:4.7uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:27A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:100uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:14.4A; DC Resistance Max:0.025ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:3.3uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:27A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:680uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:7.2A; DC Resistance Max:0.139ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:470uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:7.2A; DC Resistance Max:0.114ohm; Leaded Process Compatible:Yes; Body Material:Ferrite Very high current capacity Low DCR RF Choke; Series:1140; Inductance:82uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:14.4A; DC Resistance Max:0.023ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:2.2uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:27A; DC Resistance Max:0.002ohm; Leaded Process Compatible:Yes; Body Material:Ferrite
|
BOURNS INC Bourns Electronic Solutions
|
VEC2R5155QG VEC2R5106QG VEC2R5305QG VEC2R5505QA VE |
2.5V SERIES - Lead terminal
|
Vina
|
19067-0006 19067-0016 19067-0085 19067-0040 19067- |
RING NYLAKRIMP FUNNEL ENTRY (D-950-10) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-951-10) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (F-969-12) COPPER ALLOY, WIRE TERMINAL 190670040 COPPER ALLOY, TIN FINISH, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-950-14) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-951-14) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-951-56) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-951-38) COPPER ALLOY, WIRE TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):4; Stud Size:#10; Insulator Color:Yellow; Series:RING NYLAKRIMP (F-766-10) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-953-58) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (E-957-14) COPPER ALLOY, TIN FINISH, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (F-966-76) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-950-56)
|
Molex, Inc. MOLEX INC
|
2SK2193 |
Power MOSFETs / VX-II Series (Three Terminal Type)
|
Shindengen
|
2SK2185 |
Power MOSFETs / VX-II Series (Three Terminal Type)
|
Shindengen
|
2SK2195 |
Power MOSFETs / VX-II Series (Three Terminal Type)
|
Shindengen
|
TA78L132AP TA78L020AP TA78L075AP TA78L006AP TA78L0 |
Three-Terminal Positive Regulators 13.2V Three-Terminal Positive Regulators 20V Three-Terminal Positive Regulators 7.5V Three-Terminal Positive Regulators 6V Three-Terminal Positive Regulators 10V Three-Terminal Positive Regulators 8V Three-Terminal Positive Regulators 12V Three-Terminal Positive Regulators 15V Three-Terminal Positive Regulators 5V Three-Terminal Positive Regulators 9V Three-Terminal Positive Regulators 24V Three-Terminal Positive Regulators 18V Three-Terminal Positive Regulators 7V
|
TOSHIBA
|