PART |
Description |
Maker |
MC68HC711G5 MC68HC11G5 MC68HC11G5CFN MC68HC11G7 |
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller
|
MOTOROLA[Motorola, Inc]
|
MC68HC05J3 MC68HC05J3CDW MC68HC05J3CP MC68HC05J3DW |
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcomputer Unit
|
Motorola, Inc
|
68HC705SR3 |
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Units
|
Motorola, Inc.
|
MC68HC05 MC68HC05B16 MC68HC05B32 MC68HC05B4 MC68HC |
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcomputer Unit
|
Motorola, Inc
|
MC68HC11G5 MC68HC11G7 |
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Unit
|
Freescale Semiconductor, Inc
|
MC68HC11KW1 |
High-density complementary metal oxide semiconductor HCMOS) microcontroller unit 8-BIT, EEPROM, 4 MHz, MICROCONTROLLER, PQFP100
|
Motorola Mobility Holdings, Inc.
|
SCFS12000 SCFS10000 SCFS2000 SCFS4000 SCFS6000 SCF |
1.5 A, 4000 V, SILICON, RECTIFIER DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY High Voltage,High Density Fast Recovery Rectifier(反向电压4000V,温55℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压6000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压2000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(????靛?12000V锛?俯搴?5???骞冲??存??垫?1.5A,楂??锛??瀵?害锛?揩???澶??娴??)
|
Semtech Corporation
|
CBRLDSH2-40 CBRLDSH2-40-15 |
SURFACE MOUNT HIGH DENSITY HIGH DENSITY SCHOTTKY BRIDGE RECTIFIER
|
Central Semiconductor C...
|
ISPLSI2192VE-135LT128 ISPLSI2192VE-180-L-T128 ISPL |
3.3V In-System Programmable SuperFAST High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD 3.3VIn-SystemProgrammableSuperFASTHighDensityPLD RELAY SSR 110A 240VAC AC INPUT 3.3V In-System Programmable SuperFASTHigh Density PLD
|
LATTICE[Lattice Semiconductor] LatticeSemiconductor Lattice Semiconductor Corporation
|
ISPLSI2096E-100LQ128 ISPLSI2096E-100LT128 ISPLSI20 |
In-SystemProgrammableSuperFASTHighDensityPLD In-System Programmable SuperFAST?/a> High Density PLD In-System Programmable SuperFAST High Density PLD In-System Programmable SuperFAST⑩ High Density PLD In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP128 In-System Programmable SuperFAST??High Density PLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
SDHD7.5K SDHP7.5K SDHP15K SDHD15K SDHN7.5K |
STANDARD RECOVERY HIGH VOLTAGE DOUBLER AND CENTER TAPS High Density,High Voltage,Standard Recovery Doubler Rectifier(反向电压7500V,温5℃时平均整流电流0.4A,高密高电标准恢复倍增整流 High Density,High Voltage,Standard Recovery Center Tap Rectifier(反向电压7500V,温5℃时平均整流电流0.8A,高密高电标准恢复正中心抽头整流器) High Density,High Voltage,Standard Recovery Center Tap Rectifier(反向电压7500V,温25℃时平均整流电流0.8A,高密高电标准恢复正中心抽头整流器) 0.8 A, 7500 V, 2 ELEMENT, SILICON, SIGNAL DIODE High Density,High Voltage,Standard Recovery Doubler Rectifier(反向电压15000V,温25℃时平均整流电流0.4A,高密高电标准恢复倍增整流 高密度,高电压,标准恢复倍流整流(反向电5000V,温25℃时平均整流电流0.4A,高密度,高电压,标准恢复倍增整流器)
|
Semtech Corporation Semtech, Corp.
|