PART |
Description |
Maker |
M29W160DB M29W160DT |
16 Mbit 2Mb x8 or 1Mb x16 / Boot Block 3V Supply Flash Memory
|
ST Microelectronics
|
M29W160EB |
16 MBIT (2MB X8 OR 1MB X16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY
|
ST Microelectronics
|
M27W032-110N1T M27W032 M27W032-100M1T M27W032-100N |
32 Mbit 2Mb x16 3V Supply FlexibleROM Memory 16 Mbit 1Mb x16 3V Supply FlexibleROM Memory 32 Mbit 2Mb x16 3V Supply FlexibleROM⑩ Memory
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M29DCL3-16T -M29DCL3-16T |
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory 16兆位(含2Mb x8兆x16插槽,引导块V电源快闪记忆
|
意法半导 STMicroelectronics N.V.
|
M295V160BB70N1T M29F160 M295V160BB55N1T M295V160BT |
16 Mbit 2Mb x8 or 1Mb x16, Boot Block Single Supply Flash Memory 16 Mbit 2Mb x8 or 1Mb x16 / Boot Block Single Supply Flash Memory 8-Bit, 0.1 us Dual MDAC, Parallel Input, Fast Control Signalling for DSP, Easy Micro I/F 20-PLCC -25 to 85 16-Bit Bus Transceiver with 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 16兆位Mb x81兆x16插槽,启动座单电源闪 16 Mbit 2Mb x8 or 1Mb x16, Boot Block Single Supply Flash Memory 16兆位Mb x81兆x16插槽,启动座单电源闪 8-Bit, 0.1 us Dual MDAC, Parallel Input, Fast Control Signalling for DSP, Easy Micro I/F 20-PDIP -40 to 85 16兆位Mb x81兆x16插槽,启动座单电源闪 16-Bit Transparent D-Type Latch With 3-State Outputs 48-TVSOP -40 to 85 16兆位Mb x8兆x16插槽,启动座单电源闪 16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs 48-TVSOP -40 to 85 16兆位Mb x8兆x16插槽,启动座单电源闪
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
M29DW324DB70ZA6 M29DW324DB70ZA6F M29DW324DB70ZE6F |
CABLE ASSEMBLY; LEAD-FREE SOLDER; N MALE TO N FEMALE; 50 OHM, RG225/U COAX, DOUBLE SHIELDED 32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory 32兆位4Mb的x8或功能的2Mb x16插槽,双66分,启动V电源快闪记忆 32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory 32兆位4Mb的x8或功能的2Mb x16插槽,双66分,启动3V电源快闪记忆 32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory 32兆位4Mb的x8或功能的2Mb x16插槽,双1616分,启动V电源快闪记忆 32 Mbit 4Mb x8 or 2Mb x16 / Dual Bank 16:16 / Boot Block 3V Supply Flash Memory
|
SGS Thomson Microelectronics 意法半导 STMicroelectronics N.V. ST Microelectronics
|
M29KW016E 8769 M29KW016E90ZA1T M29KW016E110M1T M29 |
16 MBIT (1MB X16, UNIFORM BLOCK)3V SUPPLY LIGHTFLASHMEMORY 16 Mbit (1Mb x16 / Uniform Block) 3V Supply LightFlash Memory 16 MBIT (1MB X16, UNIFORM BLOCK)3V SUPPLY LIGHTFLASH? MEMORY From old datasheet system 16 Mbit (1Mb x16, Uniform Block) 3V Supply LightFlash Memory
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M27W016-100B1T M27W016-100M1T M27W016-100N1T M27W0 |
16 Mbit 1Mb x16 3V Supply FlexibleROMTM Memory 16 Mbit 1Mb x16 3V Supply FlexibleROM Memory
|
STMicroelectronics 意法半导 ST Microelectronics
|
M58LW032A90ZA6T M58LW032A90ZA1T M58LW032A90N6T M58 |
32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory 32兆位Mb x16插槽,统一座,突发3V电源快闪记忆 32 Mbit 2Mb x16 / Uniform Block / Burst 3V Supply Flash Memory
|
STMicroelectronics N.V. ST Microelectronics
|
M36W432-ZAT M36W432BZA M36W432T85ZA1T M36W432T85ZA |
32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product 32 MBIT (2MB X16, BOOT BLOCK) FLASH MEMORY AND 4 MBIT (256K X16) SRAM, MULTIPLE MEMORY PRODUCT
|
ST Microelectronics
|