PART |
Description |
Maker |
VSKH250-08PBF VSKL250-16 SKT250-04PBF SKT250-08PBF |
Silicon Controlled Rectifier, 555 A, 800 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-5 Silicon Controlled Rectifier, 555 A, 1600 V, SCR, MAGN-A-PAK-5 Silicon Controlled Rectifier, 555 A, 400 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-7 Silicon Controlled Rectifier, 555 A, 800 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-7 Silicon Controlled Rectifier, 555 A, 1000 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-7 Silicon Controlled Rectifier, 377 A, 400 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-5 Silicon Controlled Rectifier, 377 A, 1200 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-5 SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
|
Vishay Semiconductors Vishay Siliconix
|
NTE5513 NTE5511 NTE5512 |
Silicon controlled rectifier (SCR), 5 Amp. Peak reverse voltage (repetitive) Vrm(rep) = 400V. Forward current RMS Ifrms = 5A. Silicon Controlled Rectifier (SCR) 5 Amp
|
NTE[NTE Electronics]
|
NTE5548 NTE5541 NTE5545 |
Silicon controlled rectifier (SCR). Repetitive peak off-state & reverse voltage Vdrm,Vrrm = 400V. RMS on-state current 35A. Silicon Controlled Rectifier (SCR) 35 Amp
|
NTE[NTE Electronics]
|
MCR310-010 MCR310-D |
Silicon Controlled Rectifier 10A 800V Silicon Controlled Rectifiers Reverse Blocking Triode Thyristors
|
ON Semiconductor
|
TYN058 |
SILICON CONTROLLED RECTIFIER,50V V(DRM) Silicon controlled rectifiers From old datasheet system
|
ST Microelectronics
|
2N1795F 2N1798F 2N1792F 2N1793F 2N1794F 2N1797F 2N |
Silicon Controlled Rectifiers (fase) Silicon Controlled Rectifier; Package: TO-83; IT (Av) (A): 70; VTM (V): 2.1; VGT (V): 3; IGT (µA): 70000; tq (nsec): 40000; Vrrm (V): 400; 110 A, SCR, TO-208AD
|
Microsemi Corporation Microsemi, Corp.
|
CPA80A12AA4-12FC CPAT45A12AA4-12FC CPA250V2AA4-12F |
SILICON CONTROLLED SWITCH ADD-A-PAK 3 PHASE, 400 A, SILICON, RECTIFIER DIODE SCR 3 PHASE, 1000 A, SILICON, RECTIFIER DIODE
|
|
1N1301 1N2283 1N4526 1N1196A 1N1196 1N2021 1N1192A |
Standard Rectifier (trr more than 500ns) (1N2xxx) SILICON POWER RECTIFIER SILICON POWER RECTIFIER 40 A, 200 V, SILICON, RECTIFIER DIODE, DO-203AB (1N4525 - 1N4529) SILICON POWER RECTIFIER SILICON POWER RECTIFIER 40 A, 100 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 50 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 350 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 300 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 400 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
IRKL91-14S90 KT91-08S90 KT91-14S90 KT92-08 |
Silicon Controlled Rectifier, 141.3 A, 1400 V, SCR, TO-240AA Silicon Controlled Rectifier, 141.3 A, 800 V, SCR, TO-240AA
|
Vishay Semiconductors
|
ST280S04M1V ST280S06M1V |
Silicon Controlled Rectifier, 440 A, 400 V, SCR, TO-209AB Silicon Controlled Rectifier, 440 A, 600 V, SCR, TO-209AB
|
Vishay Semiconductors
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
|