PART |
Description |
Maker |
CAT28C256P-25 CAT28C256PI-25 CAT28C256T13I-25 CAT2 |
128Kx8 EEPROM 128Kx8 EEPROM x8EEPROM
|
Renesas Electronics, Corp. Epson (China) Co., Ltd. YEONHO Electronics Co., Ltd.
|
AT89LS8252 AT89S8252 |
Low Voltage, Downloadable MCU with 8K bytes Flash and 2K bytes EEPROM. In-System Programmable Microcontroller with 8K bytes Flash & 2K bytes EEPROM
|
Atmel
|
CAT28F010TRI-70T CAT28F010N-90T CAT28F010P-15 CAT2 |
128K X 8 FLASH 12V PROM, 70 ns, PDIP32 PLASTIC, DIP-32 1 Megabit CMOS Flash Memory(79.65 k) 1兆位的CMOS快闪记忆体(79.65十一 x8 Flash EEPROM x8闪存EEPROM
|
Ironwood Electronics NXP Semiconductors N.V. Microchip Technology, Inc. ON SEMICONDUCTOR
|
AM29LV200BT70WAE AM29LV200BT70WAC AM29LV200BT70WAI |
EEPROM|FLASH|128KX16/256KX8|CMOS|SOP|44PIN|PLASTIC 16-Kb I2C CMOS Serial EEPROM, SOT-23 16-Kb I2C CMOS Serial EEPROM, SOIC EEPROM|FLASH|128KX16/256KX8|CMOS|TSSOP|48PIN|PLASTIC 的EEPROM | FLASH动画| 128KX16/256KX8 |的CMOS | TSSOP封装| 48PIN |塑料 EEPROM|FLASH|128KX16/256KX8|CMOS|BGA|48PIN|PLASTIC 的EEPROM | FLASH动画| 128KX16/256KX8 |的CMOS | BGA封装| 48PIN |塑料
|
Advanced Micro Devices, Inc. Spansion, Inc.
|
CAT1026LI-45-GT3 CAT1026LI-45T3 CAT25C04LI-1.8TE13 |
Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM 1K/2K/4K SPI Serial CMOS EEPROM 16K-Bit CMOS PARALLEL EEPROM 64K-Bit CMOS PARALLEL EEPROM 512K-Bit CMOS Flash Memory 32K/64K-Bit SPI Serial CMOS EEPROM 1 Megabit CMOS Flash Memory 512K-Bit CMOS PARALLEL EEPROM 1 Megabit CMOS Boot Block Flash Memory 256K-Bit CMOS PARALLEL EEPROM Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer Precision, Adjustable Shunt Regulator Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer 128K/256K-Bit SPI Serial CMOS EEPROM 16K-Bit Serial EEPROM, Cascadable
|
CATALYST[Catalyst Semiconductor]
|
EDI7F342MC-BNC EDI7F342MC120BNC EDI7F342MC90BNC |
EEPROM EEPROM Intel/Sharp Flash Modules
|
Ecliptek, Corp.
|
STM8S903K3T6C STM8S903F3 |
16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, I2C Mainstream Application specific line 8-bit MCU with 8 Kbytes Flash, 16 MHz CPU, integrated EEPROM
|
STMicroelectronics STMicroelectronics N.V.
|
AS29F040 AS29F040-120LC AS29F040-150LC AS29F040-15 |
5V 512K x 8 CMOS flash EEPROM, access time 70ns 5V 512K x 8 CMOS flash EEPROM, access time 55ns 5V 512K x 8 CMOS flash EEPROM, access time 90ns
|
ALSC[Alliance Semiconductor Corporation]
|
AS29LV800T-80TC AS29LV800T-80TI |
3V 1M8/512K6 CMOS Flash EEPROM 3V 1M8/512K16 CMOS Flash EEPROM
|
ANADIGICS, Inc. Anadigics Inc
|