PART |
Description |
Maker |
FWH-500A COOPERINDUSTRIES-FWH-225A |
Semiconductor Fuse; Current Rating:500A; Voltage Rating:500V; Fuse Size/Group:1.5 x 2.09 "; Fuse Type:Fast Acting; Fuse Terminals:Blade; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:FWH RoHS Compliant: No
|
COOPER INDUSTRIES
|
Z80C30-10CME Z85C3008CME Z85C3008/CMB Z85C3010CMB |
FUSEHOLDR 2AG PNL MNT SOLDER QC Cartridge Fuse; Current Rating:80mA; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 20 mm; Body Material:Glass; Diameter:5mm; Fuse Terminals:Ferrule; Length:20mm; Series:218XE 通信控制 Communications Controller 通信控制
|
ZiLOG, Inc.
|
Z8681B1 |
Leaded Cartridge Fuse; Current Rating:8A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Fast Acting; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes
|
|
Z8681AB1YN |
Leaded Cartridge Fuse; Current Rating:2A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Fast Acting; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes 8位微控制
|
东电?中国)投资有限公司
|
01530008Z |
Blade Fuse Holders - PCB Mount Fuse Holder for MINI? Style Blade Fuse
|
Littelfuse
|
3402.0044.XX 3402.0019.XX 3402.0014.XX 3402.0043.X |
FUSE OMF 63V 2.5A FAST BLOW ELECTRIC FUSE, 2.5A, 63VAC, 63VDC, 50A (IR), SURFACE MOUNT Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
|
SCHURTER AG Schurter Inc.
|
0154003.DR 0154.062DRL 0154.062DRTL 0154.080DRTL 0 |
NANO2? > 154 OMNI-BLOK? Fuse and Holder Combination 154/154T/154L/154TL Series OMNI-BLOK? Fuse and Holder Assembly Easy fuse replacement Miniature size Wide operating temperature range
|
Littelfuse
|
AGU-2 AGU-20 AGU-25 AGU-50 AGU-30 AGU-15 AGU-40 AG |
Fuse 保险 FAST BLOW ELECTRIC FUSE, 30A, 32VAC, INLINE/HOLDER
|
SIEMENS AG COOPER INDUSTRIES
|
01530007LXN 01530007Z 01530008LXN 01530009Z 015300 |
PCB MOUNT FUSE HOLDER FOR MINI STYLE BLADE FUSE
|
Littelfuse
|
0FHA0001 0FHA0002 0FHA0001ZXJ |
INLINE FUSE HOLDER FOR ATO STYLE BLADE FUSE
|
Littelfuse
|
ST733C..LSERIES ST733C08LFM0 ST733C08LFL0 ST733C04 |
800V 1900A Inverter Thyristor in a TO-200AC (B-Puk) package 400V 1900A Inverter Thyristor in a TO-200AC (B-Puk) package INVERTER GRADE THYRISTORS Automotive Fuse; Current Rating:3A; Voltage Rating:32V; Fuse Type:Fast Acting; Body Material:Plastic; Fuse Terminals:Blade; Length:15.41mm; Series:297; Voltage Rating:32V; Fuse Size/Group:15.41 x 10.92 x 3.81mm RoHS Compliant: Yes Fuse Holder; Leaded Process Compatible:Yes; Mounting Type:Panel Mount RoHS Compliant: Yes
|
International Rectifier
|
239300P 239001P 239002P 239003P 239004P 239005P 23 |
5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
|
LITTELFUSE[Littelfuse]
|