PART |
Description |
Maker |
VCM-DAS-3 |
The VCM-DAS-3 is a PC/104-format data acquisition board that provides analog outputs and digital I/O for process control and other applications.
|
List of Unclassifed Manufacturers
|
GPS-41ML GPS-41MLF GPS-41MLR |
Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
|
rfsolutions.ltd
|
AD7891ACHIPS-2 AD7891ACHIPS-1 AD7891AP-1REEL AD789 |
LC MOS 8-Channel, 12-Bit High Speed Data Acquisition System True Bipolar Input, Single Supply, Parallel, 8-Channel, 12-Bit High Speed Data Acquisition System LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
|
Analog Devices
|
AGC-V-5 AGC-V-8 AGC-V-1/2 AGC-V-10 |
Cartridge Fuse; Fuse Type:Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:AGC-V RoHS Compliant: No FAST BLOW ELECTRIC FUSE, 5A, 250VAC, 200A (IR), THROUGH HOLE Cartridge Fuse; Fuse Type:Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:AGC-V RoHS Compliant: No FAST BLOW ELECTRIC FUSE, 8A, 250VAC, 200A (IR), THROUGH HOLE FAST BLOW ELECTRIC FUSE, 0.5A, 250VAC, 35A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
GS820E32A GS820E32AQ-4 GS820E32AQ-6I GS820E32AT-6I |
66MHz 18ns 64K x 32 2M synchronous burst SRAM 117MHz 11ns 64K x 32 2M synchronous burst SRAM 64K x 32 / 2M Synchronous Burst SRAM 150MHz 9ns 64K x 32 2M synchronous burst SRAM
|
GSI Technology
|
HM66AQB18202BP-40 HM66AQB18202BP-50 HM66AQB18202BP |
Memory>Fast SRAM>QDR SRAM 36-Mbit QDRTMII SRAM 2-word Burst
|
Renesas Technology / Hitachi Semiconductor
|
HM66AQB18204BP-33 HM66AQB36104BP-40 HM66AQB9404BP- |
Memory>Fast SRAM>QDR SRAM 36-Mbit QDRTMII SRAM 4-word Burst
|
Renesas Technology / Hitachi Semiconductor
|
MB85R256G |
256K-bits FRAM LSI using the ferroelectric process and CMOS process technologies
|
http://
|
GS88019AT-133 GS88019AT-133I GS88019AT-150I GS8801 |
512K X 18 CACHE SRAM, 3.5 ns, PQFP100 250MHz 512K x 18 9Mb sync burst SRAM 225MHz 512K x 18 9Mb sync burst SRAM 200MHz 512K x 18 9Mb sync burst SRAM 166MHz 512K x 18 9Mb sync burst SRAM 150MHz 512K x 18 9Mb sync burst SRAM 133MHz 512K x 18 9Mb sync burst SRAM 150MHz 256K x 32 9Mb sync burst SRAM 166MHz 256K x 32 9Mb sync burst SRAM 225MHz 256K x 32 9Mb sync burst SRAM 250MHz 256K x 32 9Mb sync burst SRAM 133MHz 256K x 36 9Mb sync burst SRAM 150MHz 256K x 36 9Mb sync burst SRAM 166MHz 256K x 36 9Mb sync burst SRAM 200MHz 256K x 36 9Mb sync burst SRAM 225MHz 256K x 36 9Mb sync burst SRAM 133MHz 256K x 32 9Mb sync burst SRAM 200MHz 256K x 32 9Mb sync burst SRAM 250MHz 256K x 36 9Mb sync burst SRAM
|
GSI Technology
|