PART |
Description |
Maker |
ST485ERC ST485ERB ST485ERCDR |
LOW POWER RS-485/RS422 TRANSCEIVER LOW POWER RS-485/RS422 TRANSCEIVER
|
ST Microelectronics STMicroelectronics
|
LTM2881CV-5-PBF LTM2881IV-5-PBF LTM2881CV-3-PBF LT |
Complete Isolated RS485/RS422 楼矛Module Transceiver Power Complete Isolated RS485/RS422 渭Module Transceiver Power Complete Isolated RS485/RS422 μModule Transceiver Power
|
Linear Technology
|
ST485ERXN ST485ER ST485ERBD ST485ERBDR ST485ERBN S |
LINE TRANSCEIVER, PDSO8 5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER 5kV的ESD保护,低功RS-485/RS-422收发 MAX II CPLD 2210 LE 256-FBGA 低功耗RS-485/RS422收发 LOW POWER RS-485/RS422 TRANSCEIVER
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
LTM2881CV-5PBF LTM2881CV-3PBF LTM2881IY-5PBF LTM28 |
Complete Isolated RS485/RS422 µModule Transceiver Power, 32-Pin (15mm × 11.25mm × 2.8mm) LGA , Temperature Range: Commercial 0°C to 70°C LINE TRANSCEIVER, PBGA32 Complete Isolated RS485/RS422 µModule Transceiver Power, 32-Pin (15mm × 11.25mm × 3.42mm) BGA , Temperature Range: Industrial –40°C to 85°C LINE TRANSCEIVER, PBGA32
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
8339 ST485EXN ST485EBD ST485EBDR ST485EBN ST485ECD |
LOW POWER RS-485/RS422 TRANSCEIVER ±15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER 【15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER 【5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER ±5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
LTC2850CDD LTC2850CDD8 LTC2851HDD LTC2851HDD8 LTC2 |
3.3V 20Mbps RS485/RS422 Transceivers
|
Linear Technology
|
IC-MGEVALMG1D IC-MGTSSOP20 |
8-Bit Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
|
IC-Haus GmbH
|
LTC2865 LTC2863-15 LTC2862-15 |
60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
|
Linear Technology
|
SP3077EEN/TR-L SP3074EEP SP3076EEN-L SP3076EEN-L/T |
SP307XE 3.3V, 15kV ESD-Protected RS-485/RS422 Transceivers
|
Sipex Corporation
|
1120205018 APP-SR1-PCIE |
applicom PCIE1000, 1 Serial RS485/RS422 port, PCI Express 1x, RoHS compliant
|
Molex Electronics Ltd.
|