PART |
Description |
Maker |
PHD16N03LT |
N-channel TrenchMOS?/a> logic level FET N-channel Trenchmos (tm) logic level FET N-channel TrenchMOS⑩ logic level FET From old datasheet system N-channel TrenchMOSlogic level FET 16 A, 30 V, 0.067 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
FQB33N10L FQI33N10L FQB33N10LTM |
100V LOGIC N-Channel MOSFET 100V N-Channel Logic Level QFET 100 LOGIC N-Channel MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
FQB5N20L FQI5N20L FQI5N20 FQI5N20LTU |
200V LOGIC N-Channel MOSFET 4.5 A, 200 V, 1.25 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA 200V N-Channel Logic Level QFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
NTD24N06L NTD24N06L-1 NTD24N06L-1G NTD24N06LG NTD2 |
Power MOSFET 24 Amps, 60 Volts, Logic Level N-Channel DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 24 A, 60 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 24Amps, 60Volts Logic Level N-Channel DPAK(24A, 60 V,逻辑电平,N通道,DPAK封装的功率MOSFET) Power MOSFET 24 Amps, 60 Volts Logic Level, N−Channel DPAK
|
ON Semiconductor
|
SUD40N06-25L |
N-Channel Enhancement-Mode Trans, Logic Level N-Channel 60-V (D-S), 175C MOSFET, Logic Level N-Channel 60-V (D-S) 175C MOSFET Logic Level
|
VISAY[Vishay Siliconix]
|
6N137 HCPL-2631 HCPL-2630 HCPL-2611 HCPL2631 HCPL- |
1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 10 Mbps HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
|
QT[QT Optoelectronics]
|
FDS6680A FDS6680ANF073 FDS6680ANL |
30V Single N-Channel, Logic Level, Power Trench MOSFET Single N-Channel, Logic Level, PowerTrench MOSFET 12500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FOD0738R2 FOD0708 |
Single Channel CMOS Optocoupler 15MBaud CMOS logic optocoupler. Dual channel SOIC-8; Package: SOIC-W; No of Pins: 8; Container: Tape & Reel 2 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 15 Mbps
|
Fairchild Semiconductor, Corp.
|
66079-005 66079 66079-001 66079-005H 66079-004H 66 |
OPTICALLY COUPLED DIGITAL FILTER 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 10 Mbps SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Roller Lever Actuator, Solder Termination 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
HUF76439P3 HUF76439S3S HUF76439S3ST |
71A, 60V, 0.014 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 75 A, 60 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB Dual Differential Drivers and Receivers With /-15-kV IEC ESD Protection 16-TSSOP -40 to 85 75 A, 60 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 71A, 60V, 0.014Ohm, N-Channel, Logic Lvl UltraFET Power MOSFET 71A, 60V, 0.014 Ohm, N-Channel, Logic Level UltraFETPower MOSFET
|
Fairchild Semiconductor, Corp. Intersil, Corp.
|
FQD10N20L FQU10N20L FQD10N20 FQD10N20LTF FQU10N20L |
200V N-Channel Logic Level QFET 200V LOGIC N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
|