PART |
Description |
Maker |
79LV0832RPQK-20 79LV0832RT1QK-25 79LV0832RT2QK-20 |
CB 6C 6#16 SKT RECP WALL 8 Megabit (256K x 32-Bit) Low Voltage EEPROM MCM 256K X 32 EEPROM 3V, 250 ns, QFP96 8 Megabit (256K x 32-Bit) Low Voltage EEPROM MCM 256K X 32 EEPROM 3V, 200 ns, QFP96
|
Maxwell Technologies, Inc
|
KM616U4000BZ |
256K x 16 Bit Low Power and Low Voltage CMOS Static RAM(256K x 16位低功耗低电压CMOS 静RAM)
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
KM68257C-12 KM68257CJ-12 KM68257CJ-20 KM68257CL-12 |
32Kx8 bit high speed static RAM (5V operating), 20ns 32Kx8 bit high speed static RAM (5V operating), 15ns 32Kx8 bit high speed static RAM (5V operating), 12ns 32Kx8 Bit High Speed Static RAM(5V Operating(, Evolutionary Pin out. Operated at Commercial Temperature Range. 32Kx8位高速静态RAM5V的工作(,进化引脚了。在商业温度范围工作
|
Samsung Electronic SAMSUNG[Samsung semiconductor] Samsung Semiconductor Co., Ltd.
|
27C256-15FA 27C256A 27C256 27C256D 27C256-12FA 27C |
2-7 V, 256K-bit CMOS EPROM (32Kx8) 256K-bit CMOS EPROM (32K x 8)
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
HYB514175BJ-50- Q67100-Q2100 HYB514175BJ-55 HYB514 |
256k x 16-Bit EDO-DRAM 256k x 16位江户的DRAM 256k × 16-Bit Dynamic RAM(256k × 16动RAM) 256k × 16位动态随机存储器56k × 16位动态内存)
|
SIEMENS AG
|
EM620FV8BT |
256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Solutions
|
EM610FT8CS-45LL EM620FT8CS-45LL EM680FT8CS-45LL EM |
256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
|
ETC Emerging Memory & Logic Solutions Inc List of Unclassifed Manufacturers
|
EM623FS8E70LL EM623FT8E70LL EM625FS8E70LL EM625FT8 |
256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
|
http:// Emerging Memory & Logic Solutions Inc Emerging Memory & Logic Sol...
|
CMP0417AA8-F70I CMP0417AA8-I |
256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|
EM640FU16E |
256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Solutions
|
EM644FV16FU |
256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Solutions Inc
|