PART |
Description |
Maker |
LD7575PN LD7575PS LD7575 |
Green-Mode PWM Controller with High-Voltage Start-Up Circuit
|
List of Unclassifed Manufacturers ETC
|
TC115501EMTTR TC115 TC115301ECT TC115301EMTTR TC11 |
The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered sys-tems. This device has ... The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered sys-tems. This device has a guaranteed start-up voltage of 0.9V and a typical supply current of 80 µA. Phase compensation and soft- PFM/PWM Step-Up DC/DC Converter
|
MICROCHIP[Microchip Technology]
|
CXO3M CXO3M09 |
High Stability/Fast Start-up Crystal Oscillator
|
STATEK CORPORATION
|
LP6205S |
1.3V Start-up Input Voltage 1.3V Start-up Input Voltage
|
Lowpower Semiconductor ...
|
801-037-02 |
Series 801 Mighty Mouse High-Speed Double-Start ACME Threads
|
Glenair, Inc.
|
801-036-16M7-10PA |
Series 801 Mighty Mouse High-Speed Double-Start ACME Threads
|
Glenair, Inc.
|
LP38852MR-ADJ |
1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
|
http://
|
MN103SE3 MN103SE3K MN103SFE3K |
32-bit High Performance Microcomputers MN103S Series Conversion start synchronized with 3-phase PWM or timer 12, 13 are available
|
Panasonic Semiconductor
|
MP2229 |
High Efficiency 21V, 6A Synchronous Step-Down Converter with External Sync, Low-Power Mode, and External Soft-Start
|
Monolithic Power System...
|
TX2-5V TX2-12V TX2-3V TX2-L-1.5V TX2-48V TX2-L2-H- |
2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE 2阿继电器容量高浪涌电 RELAY, SOLID STATE 40A 240VAC FILM/M CAPACITANCE=0.1 VOLT=63 2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
|
Nais(Matsushita Electric Wo... Panasonic, Corp. YEONHO Electronics Co., Ltd. NAIS[Nais(Matsushita Electric Works)] http://
|