PART |
Description |
Maker |
SCN2661 SCN2661AC1A28 SCN2661AC1N28 SCN2661BA1F28 |
(SCN2661 / SCN68661) Enhanced programmable communications interface EPCI Enhanced programmable communications interface EPCI 1 CHANNEL(S), 1M bps, SERIAL COMM CONTROLLER, PQCC28 Enhanced programmable communications interface EPCI 1 CHANNEL(S), 1M bps, SERIAL COMM CONTROLLER, PDIP28 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Pin Plunger Actuator, Solder Termination 1 CHANNEL(S), 1M bps, SERIAL COMM CONTROLLER, CDIP28
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
PAL20L8-10PC PAL20L8-10DC PAL20L8-10JC PAL20L8-102 |
CAP 0.1UF 100V 10% X7R RAD.20 .30X.30 BULK M-MIL-PRF-39014 STANDOFF Current Mode PWM Controller 16-SOIC -40 to 85 Current Mode PWM Controller 16-CDIP -40 to 85 Current Mode PWM Controller 20-PLCC -40 to 85 24-Pin TTL Programmable Array Logic 24引脚的TTL可编程阵列逻辑 24-Pin TTL Programmable Array Logic OT PLD, 10 ns, PQCC28
|
Advanced Micro Devices, Inc.
|
ADP3157 ADP3157JR ADP3157JR-REEL |
VRM 8.2/3/4 Buck Controller 5-Bit Programmable Synchronous Controller for Pentium III Processors
|
AD[Analog Devices]
|
RC5058 RC5058M |
High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms Current-Mode SMPS Controller
|
Fairchild Semiconductor Corporation
|
IS82C37A CS82C37A CS82C37A-12 CS82C37A-5 5962-9054 |
CMOS High Performance Programmable DMA Controller RECTIFIER BRIDGE 10A 100V BR-6 高性能的CMOS可编程DMA控制 CMOS High Performance Programmable DMA Controller 4 CHANNEL(S), 12.5 MHz, DMA CONTROLLER, CDIP40 CMOS High Performance Programmable DMA Controller 4 CHANNEL(S), 12.5 MHz, DMA CONTROLLER, UUC40 DIODE SCHOTTKY DUAL-DUAL COMMON-CATHODE 25V 200mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-363 3K/REEL 4 CHANNEL(S), 12.5 MHz, DMA CONTROLLER, PDIP40 CMOS High Performance Programmable DMA Controller 高性能的CMOS可编程DMA控制 DIODE SCHOTTKY DUAL ISOLATED 25V 200mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-363 3K/REEL DIODE SCHOTTKY DUAL SERIES 25V 150mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-523 3K/REEL Triple 3-input positive-NAND gates 14-PDIP 0 to 70 RECTIFIER BRIDGE 10A 800V BR-6 RECTIFIER BRIDGE 10A 1000V BR-6 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
IS82C237 IS82C237-12 ID82C237 5962-9054304MXA 5962 |
CMOS High Performance Programmable DMA Controller 4 CHANNEL(S), 12.5 MHz, DMA CONTROLLER, PQCC44 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MC33470DWR2 MC33470DWR2G MC3347006 MC33470DWG MC33 |
Synchronous Rectification DC/DC Converter Programmable Integrated Controller SWITCHING CONTROLLER, 390 kHz SWITCHING FREQ-MAX, PDSO20
|
ONSEMI[ON Semiconductor]
|
ADP3191AJRUZ-RL ADP3191JRQZ-RL ADP3191 ADP3191AJRQ |
6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller SWITCHING CONTROLLER, 2000 kHz SWITCHING FREQ-MAX, PDSO28
|
ANALOG DEVICES INC ON SEMICONDUCTOR Analog Devices, Inc.
|
AT78C1502 AT78C1502-128TC |
DVD System Servo Controller programmable for any Mechadeck/Loader/OPU. DVD/CD Servo Controller Miscellaneous - Datasheet Reference
|
http:// ATMEL Corporation Atmel Corp.
|
SI9130 SI9130CG SI9130CG-T1 SI9130LG SI9130LG-T1 |
Pin-Programmable Dual Controller?Portable PCs Pin-Programmable Dual Controller-Portable PCs Pin-Programmable Dual ControllerPortable PCs
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
ID8259A |
Programmable INTERRUPT CONTROLLER
|
AMD
|
ID8259A N8259A 8259A-2 8259A |
PROGRAMMABLE INTERRUPT CONTROLLER
|
INTEL[Intel Corporation]
|