PART |
Description |
Maker |
BFA105R6 BFA1560R BFA2120R |
RHEOSTATS 5R6 10A RHEOSTATS 560R 1A 变阻60R 1A RHEOSTATS 120R 2A 变阻20R
|
Cooper Bussmann, Inc. Avago Technologies, Ltd.
|
RRSR50E RCSR50E RCLR50E RELR50E RPSR50E RHSR50E RG |
Rheostats
|
Ohmite Mfg. Co.
|
SBA100-04J |
40V/ 10A Rectifier 40V 10A Rectifier Schottky Barrier Diode (Twin Type Cathode Common) 40V, 10A Rectifier
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
AS2811 |
10A Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed(10A,低压差稳压器(快速响应,可调和固定输出))
|
Sipex Corporation
|
MRD31-L |
Standard : UL - IEC 300V - 250V 10A - 10A
|
Eldeco Srl
|
SB100-09 |
90V/ 10A Rectifier 90V, 10A Rectifier Schottky Barrier Diode (Twin Type Cathode Common)
|
SANYO[Sanyo Semicon Device]
|
DD22.6321.1111 DD22.9121.1111 |
DD22 POWER ENTRY MODULE W. FILTER 6A M5 6A, 250 VAC, MALE, MAINS POWER CONNECTOR, SOLDER FILTER, IEC, 10A, 2P SWITCH FUSE; Current rating:10A; Temp, op. max:85(degree C); Temp, op. min:-25(degree C) RoHS Compliant: Yes 10A, 250 VAC, MALE, MAINS POWER CONNECTOR, SOLDER
|
SCHURTER AG
|
SKP10N60A SKB10N60A SKW10N60A |
Fast IGBT in NPT-technology with soft/ fast recovery anti-parallel EmCon diode IGBTs & DuoPacks - 10A 600V TO220AB IGBT Diode IGBTs & DuoPacks - 10A 600V TO247AC IGBT Diode IGBTs & DuoPacks - 10A 600V TO263AB SMD IGBT Diode
|
Infineon Technologies AG
|
VC-710-DFF-GFM-200.000 VC-710 VC-710-DFC-GFA-125.0 |
CRYSTAL 20.0000 MHZ 18PF SMD 压控晶体振荡 CONNECTOR ACCESSORY 连接器附 Voltage Controlled Crystal Oscillator 压控晶体振荡 RECTIFIER SCHOTTKY DUAL 10A 45V 125A-ifsm 0.7V-vf 0.1mA-ir TO-220AB 50/TUBE 压控晶体振荡 RECTIFIER SCHOTTKY SINGLE 10A 40V 150A-ifsm 0.84V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY SINGLE 10A 45V 150A-ifsm 0.84V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY SINGLE 10A 50V 150A-ifsm 0.95V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL 10A 40V 125A-ifsm 0.7V-vf 0.1mA-ir TO-220AB 50/TUBE XTAL CER SMT 6X3.5 2PAD AB 6C 6#16 SKT PLUG
|
Electronic Theatre Controls, Inc. ETC[ETC] Vectron International, Inc
|
STH10NC60FI STW10NC60 STH10NC60 |
N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?┥I MOSFET N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?II MOSFET N-CHANNEL 600V - 0.6 OHM - 10A - TO-247/ISOWATT218 POWERMESH MOSFET N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMeshII MOSFET N-CHANNEL Power MOSFET N-CHANNEL Power MOS MOSFET N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh⑩II MOSFET N沟道600V 0.6ohm - 10A TO-247/ISOWATT218 PowerMesh第二MOSFET的⑩ N-CHANNEL 600V - 0.6 OHM - 10A - TO-247/ISOWATT218 POWERMESH MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
6205.2100 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 10A; Terminal Type: Solder Tabs; Spare fuse compartment; blackThermoplastic housing 10A, 250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
SCHURTER AG
|