PART |
Description |
Maker |
S29AL008D55TFN023 S29AL008D70TFN023 S29AL008D70TFI |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 70 ns, PDSO44 CONNECTOR ACCESSORY 连接器附 CONNECTOR ACCESSORY 512K X 16 FLASH 3V PROM, 90 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 90 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位 M中的x 8-Bit/512x 16位).0伏的CMOS只引导扇区闪 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 70 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位1 M中的x 8-Bit/512亩x 16位).0伏的CMOS只引导扇区闪 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 55 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).0伏的CMOS只引导扇区闪 JT 16C 16#16 PIN RECP CAP 0.015UF 50V 80-20% Z5U SMD-0805 TR-7-PL SN-NIBAR SSR OCMOS FET 200MA NO 6-SOIC
|
SPANSION LLC Spansion, Inc. Spansion Inc.
|
AT49F080 AT49F080-12CC AT49F080-12CI AT49F080-12RC |
8-Megabit 1M x 8 5-volt Only Flash Memory 1M X 8 FLASH 5V PROM, 120 ns, PDSO40 8-Megabit (1M x 8) 5-volt ohly flash memory, 50mA active current, 0.3mA standbgy current
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
AM29LV008BB70REIB AM29LV008BT70REIB AM29LV008BB-80 |
8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位1米8位)的CMOS 3.0伏,只引导扇区闪 8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位米8位)的CMOS 3.0伏,只引导扇区闪 8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 8 FLASH 3V PROM, 70 ns, PDSO40 HDWR ENDCAP RIGHT FOR SER 3U BLK 8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. http://
|
S29GL016A10FAIR10 S29GL016A30FAIR10 S29GL032A10FAI |
64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
|
SPANSION http://
|
AM29LL800BB-150EC AM29LL800BB-150FIB AM29LL800BB-1 |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 1M X 8 FLASH 2.2V PROM, 200 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 1M X 8 FLASH 2.2V PROM, 200 ns, PDSO48 Quadruple Bus Buffer Gates With 3-State Outputs 14-SSOP -40 to 85 1M X 8 FLASH 2.2V PROM, 150 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 8兆位1 M中的x 8-Bit/512亩x 16位).2伏的CMOS只引导扇区闪
|
Advanced Micro Devices, Inc.
|
AT45DB041B-CU AT45DB041B-SU AT45DB041B-CNU AT45DB0 |
4-megabit 2.5-volt or 2.7-volt DataFlash 4M X 1 FLASH 2.7V PROM, PBGA14 4-megabit 2.5-volt or 2.7-volt DataFlash 4M X 1 FLASH 2.7V PROM, PDSO8
|
Atmel Corp. PROM Atmel, Corp.
|
AT49BV802A AT49BV802AT-70TI AT49BV802AT-70CI AT49B |
8M bit, 2.7-Volt, Sectored Flash, Single Plane, Top or Bottom Boot. 8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
|
ATMEL[ATMEL Corporation]
|
AT49F001 AT49F001T |
1-megabit 5-volt Only Flash Memory(1M5V闪速存储器) From old datasheet system 128K x 8 (1M bit), 5-Volt-Only, Top or Bottom Boot Parametric Block Flash
|
Atmel Corp.
|
AT49BV4096 AT49BV4096-15RC AT49BV4096-15RI AT49BV4 |
4-Megabit 256K x 16 3-volt Only CMOS Flash Memory 256K X 16 FLASH 5V PROM, 200 ns, PDSO48 4-Megabit 256K x 16 3-volt Only CMOS Flash Memory 256K X 16 FLASH 5V PROM, 120 ns, PDSO44 4-Megabit 256K x 16 3-volt Only CMOS Flash Memory 256K X 16 FLASH 5V PROM, 150 ns, PDSO44
|
Atmel, Corp. ATMEL[ATMEL Corporation]
|
DL324 DL323 DL322 AM29DL323GB120EF AM29DL323GT120E |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 2M X 16 FLASH 3V PROM, 120 ns, PBGA48 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 2M X 16 FLASH 3V PROM, 70 ns, PBGA48 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 2M X 16 FLASH 3V PROM, 120 ns, PDSO48 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 32兆位个M × 8 2米x 16位).0伏的CMOS只,同时作业快闪记忆 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 32兆位4个M × 8 2米x 16位).0伏的CMOS只,同时作业快闪记忆 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 32兆位M × 8 2米x 16位).0伏的CMOS只,同时作业快闪记忆 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 2M X 16 FLASH 3V PROM, 90 ns, PDSO48 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 2M X 16 FLASH 3V PROM, 70 ns, PDSO48
|
Spansion Inc. Spansion, Inc.
|