PART |
Description |
Maker |
ZXRE125 ZXRE125FR ZXRE125CF ZXRE125DF ZXRE125DN8 Z |
Analog IC 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PBCY3 SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PDSO8 SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PBCY3 Analog IC 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PDSO8 SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PDSO3 Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3121; No. of Contacts:21; Connector Shell Size:22; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle RoHS Compliant: No
|
Analog Devices, Inc. Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
ADR292 ADR290FR ADR292FR ADR290ER-RELL ADR290FR-RE |
18V; low noise micropower precision voltage reference. For portable instrumentation, precision reference for 3 or 5V systems Precision, Micropower 2.5 V XFET(TM) Reference Precision, Micropower 4.096V XFET Reference Precision, Micropower 2.048 V XFET Reference Low Noise Micropower
2.048 V, 2.5 V, and 4.096 V
Precision Voltage References Low Noise Micropower Precision Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.096 V, PDSO8 Low Noise Micropower Precision Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 Low Noise Micropower Precision Voltage References 低噪声微精密电压基准 Low Noise Micropower Precision Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.048 V, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
TC1041CEUA TC1041 TC1041CEOA |
The TC1041 is a mixed-function device combining two comparators and a voltage reference in a single 8-pin package. The inverting inputs of both comparators are internally connected to the reference. This increased integration allows the us Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
|
MICROCHIP[Microchip Technology]
|
MAX5202ACUB MAX5203ACUB MAX5200ACUB MAX5201ACUB MA |
Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in MAX Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in μMAX Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX SERIAL INPUT LOADING, 25 us SETTLING TIME, 16-BIT DAC, PDSO10 Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in ??AX
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
LT1461-2.5 LT1461ACS8-2.5 LT1461AIS8-2.5 LT1461BCS |
Micropower Precision Low Dropout Series Voltage Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8
|
Linear Technology, Corp.
|
REF43GS-REEL7 REF43GZ REF43GSZ REF43NBC REF43FZ RE |
2.5 V Low Power Precision Voltage Reference 2.5V Low Power Precision Voltage Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8
|
ANALOG DEVICES INC Analog Devices, Inc.
|
MAX6133 MAX6133AASA41T MAX6133AASA41-T MAX6133BASA |
3ppm/°C, Low-Power, Low-Dropout Voltage Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 3ppm/°C, Low-Power, Low-Dropout Voltage Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.096 V, PDSO8 " 3ppm/??C, Low-Power, Low-Dropout Voltage Reference"
|
Maxim Integrated Products, Inc.
|
FAN4041 FAN4041DITL FAN4041CIS3 |
Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PDSO3 Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PBCY3 Precision Micropower Shunt Voltage Reference
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
TC1040 TC1040CEUA |
The TC1040 is a mixed-function device combining two comparators and a voltage reference in a single 8-Pin package. The inverting input of comparator A and the non-inverting input of comparator B are internally connected to the reference. T Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
|
MICROCHIP[Microchip Technology]
|
MAX9001 MAX9003 MAX9004 MAX9002 MAX9004ESD MAX9005 |
Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:22-6 RoHS Compliant: No Low-Power / High-Speed / Single-Supply Op Amp Comparator Reference ICs ER 9C 6#12 3#8 PIN PLUG SPECIALTY ANALOG CIRCUIT, PDSO14 Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs SPECIALTY ANALOG CIRCUIT, PDSO8 Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs SPECIALTY ANALOG CIRCUIT, PDSO8 ER 9C 6#12 3#8 PIN PLUG SPECIALTY ANALOG CIRCUIT, PDSO8
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
ZRT040_03 ZRT040 ZRT040GA1 ZRT040GC1 ZRT040GC2 ZRT |
Trimmable Voltage Reference 4.01V LOW POWER PRECISION REFERENCE SOURCE
|
ZETEX[Zetex Semiconductors] Diodes Incorporated
|
MCP1525 MCP1541 |
(MCP1525 / MCP1541) 2.5V AND 4.096V VOLTAGE REFERENCES MCP1525 is a low power, high precision voltage reference. It provides a precise output voltage of 2.5V which is then compared to other voltages in the system.This voltage reference is normally used in the 3V to 5V systems, where there may MCP1541 is a low power, high precision voltage reference. It provides a precise output voltage of 4.096V which is then compared to other voltages in the system.This voltage reference is normally used in the 3V to 5V systems, where there ma
|
Microchip Technology
|