PART |
Description |
Maker |
M25PE80 |
Page-Erasable Serial Flash memory
|
ST Microelectronics
|
M45PE80 M45PE80-VMF6G M45PE80-VMF6P M45PE80-VMF6TG |
8 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface 8 Mbit / Low Voltage / Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface 4 Mbit Uniform Sector, Serial Flash Memory 4兆位统一部门,串行闪
|
http:// STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
M45PE40 M45PE40-VMP6G M45PE40-VMP6TG M45PE40-VMP6T |
4 Mbit Uniform Sector, Serial Flash Memory From old datasheet system 4 MBIT, LOW VOLTAGE, PAGE-ERASABLE SERIAL FLASH MEMORY WITH BYTE-ALTERABILITY AND A 33 MHZ SPI BUS INTERFACE
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
M45PE20 M45PE20-VMN6 M45PE20-VMN6G M45PE20-VMN6P M |
4 Mbit Uniform Sector, Serial Flash Memory 4兆位统一部门,串行闪 From old datasheet system 2 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
M45PE10 M45PE10-VMN6G M45PE10-VMN6P M45PE10-VMN6TG |
1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
|
Numonyx B.V
|
M25PE40VMP6G |
4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability, 50 MHz SPI bus, standard pinout
|
http://
|
AT25DF02109 AT25DF021-SH-B AT25DF021-SH-T AT25DF02 |
IC FLASH MEM 2MB SPI SER 8UDFN 2M X 1 SPI BUS SERIAL EEPROM, DSO8 2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
|
Atmel, Corp. http:// 聚兴科技股份有限公司 ATMEL Corporation
|
24C04A |
The 24C04A is a 4K bit Serial Electrically Erasable PROM. The 24C04A features an I2C compatible 2-wire serial interface bus and hardware write protection for the upper half of the block. The 24C04A has a page write capabil
|
Microchip
|
PALC22V10D-15JC PALC22V10D-15JI PALC22V10D-25DMB P |
From old datasheet system Flash Erasable, Reprogrammable CMOS PAL㈢ Device Flash Erasable, Reprogrammable CMOS PAL垄莽 Device Flash Erasable, Reprogrammable CMOS PAL庐 Device Flash Erasable, Reprogrammable CMOS PAL? Device
|
Cypress Semiconductor
|
AM29LV800BT-80DTC2 AM29LV800BT-80DGI2 AM29LV800BT- |
25NS,OTP CERDIP,883C; LEV B FULLY CMPLNT(EPLD) 20NS, OTP, PLCC, COM TEMP(EPLD) 20NS, SOIC, IND TEMP(EPLD) 25NS, SOIC, COM TEMP(EPLD) 20NS,OTP LCC,883C; LEVEL B FULLY CMPLNT(EPLD) 10MHZ, 8 DIP, COM TEMP(FPGA) 10MHZ, 20 PLCC, IND TEMP(FPGA) 10MHZ, 32 TQFP, COM TEMP(FPGA) 10MHZ, 44 PLCC, COM TEMP(FPGA) 30MHZ, 3.3V, 20 PLCC, COM TEMP(FPGA) 8 TSSOP,PB/HALO FREE,IND,1.8V(SERIAL EE) DIE SALE, 1.8V, 11 MIL(SERIAL EE) 8 PDIP,PB/HALO FREE,IND TEMP,1.8V(SERIAL EE) 65K CONFIG MEM, 20 PLCC, IND TEMP(FPGA) 10MHZ, 20 SOIC, IND TEMP(FPGA) 128K CONFIG MEM, 20 PLCC, COM(FPGA) EEPROM EEPROM 10MHZ, 8 NSOIC, COM TEMP(FPGA) EEPROM 512K X 16 FLASH 3V PROM, 120 ns, UUC44 10MHZ, 8 LAP, 5K MOQ(FPGA) 10MHZ, 8 N-SOIC, COM TEMP(FPGA) 10MHZ, 20 PLCC, COM TEMP(FPGA) 512K X 16 FLASH 3V PROM, 80 ns, UUC44
|
ADVANCED MICRO DEVICES INC
|
X9279TB X9279TBI X9279TB-2.7 |
Single Digitally-Controlled (XDCP) Potentiometer 单数字控制(数字电位器)电位 IC,FLASH MEMORY,64 MB,120NS,3.0V,48 TSOP AM29DL800 FLASH MEM 8MB 70NS TSOP-48
|
Xicor Inc.
|
|