PART |
Description |
Maker |
MT4LC8M8B6DJ-5S MT4LC8M8B6TG-5S MT4LC8M8E1TG-5S MT |
RF Coaxial Connector Adapter; Convert From:F Plug; Convert To:BNC Jack RoHS Compliant: Yes 内存 RF Coaxial Connector Adapter; Convert From:TNC Plug; Convert To:SMA Jack RoHS Compliant: Yes 内存 DRAM 内存 PLUG, LOW PROFILE 3 POLE
|
Micron Technology, Inc.
|
1N5226B-LCC3 1N5242B-LCC3 1N5241B-LCC3 1N5244B-LCC |
5.1V, 0.02A Reference diode MSTBW 2.5/13-G FKC 2.5/3-STF FAN 24VDC SPRINT ST24A3 MS (MIL-C-5015)/97 SERIES 3102A BOX MOUNTING RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 28 SHELL SIZE, 28-15 INSERT ARRANGEMENT, RECEPTACLE GENDER, 35 CONTACTS Cabinet Rack; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No MS (MIL-C-5015)/97 SERIES 3102A BOX MOUNTING RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 28 SHELL SIZE, 28-19 INSERT ARRANGEMENT, RECEPTACLE GENDER, 10 CONTACTS ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 160 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 8.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 2.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Power Supply 120 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 13 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 25 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 56 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 9.1 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 180 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 43 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 稳压稳压二极管朗格陶瓷表面安装高可靠性的应用工具 ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 51 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Battery, Lead-Acid, Sealed, Flame Retardant, Rechargeable, NPX ser. 12V, 150 WPC - 1.67VPC 15 Min - FR 稳压稳压二极管朗格陶瓷表面安装高可靠性的应用工具 ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 20 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
http:// SEME-LAB[Seme LAB] TT electronics Semelab Limited TT electronics Semelab, Ltd. Coilcraft, Inc. SEMELAB LTD
|
XQ4000E-SERIES XQ4000EX-SERIES XQ4010E-3CB196M XQ4 |
QPRO XQ4000E/EX QML High-Reliability FPGAs QPRO QML high-reliability FPGA.
|
Xilinx
|
BR93L46RF-LE2 BR93L46RFV-WE2 BR93L46RFJ-WE2 BR93L4 |
High Reliability Serial EEPROMs High Reliability Series High Reliability Serial EEPROMs High Reliability Series
|
Rohm
|
2N2907ADCSM |
Dual High Speed Medium Power PNP Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型双PNP晶体管(高可靠性、陶瓷表贴封装)) DUAL HIGH SPEED, MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
2N2894ACSM |
High Speed Medium Power PNP Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型PNP晶体管(高可靠性、陶瓷表贴封装)) 高速中功率开关晶体管进步党在全封闭六窑业表面贴装封装,高可靠性的应用(高速,中等功率,开关型进步党晶体管(高可靠性,陶瓷表贴封装)) HIGH SPEED, MEDIUM POWER, PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
TT electronics Semelab, Ltd. SEME-LAB[Seme LAB]
|
24LC02BTI/MS 24LC02BTI/MSG 24LC02BTI/OT 24LC02BTI/ |
BUSS FUSEBLOCK RoHS Compliant: Yes 2K的I2C串行EEPROM MB 12C 8#20 4#16 SKT RECP 2K的I2C串行EEPROM 2K I2C Serial EEPROM 2K的I2C串行EEPROM MB 12C 8#20 4#16 PIN RECP MB 8C 8#20 PIN RECP MB 8C 8#20 SKT RECP Connectors, Cable Assemblies, Fuse Holder; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes PLUG,PUSH ON Connector Adapter; Convert From:F Plug; Convert To:Belden 1694
|
Microchip Technology, Inc. Microchip Technology Inc.
|
BR24T1MNUXWGE2 BR24T1MNUXWGTR BR24T32FJWGE2 BR24T3 |
High Reliability Serial EEPROMs Other devices than EEPROM can be connected to the same port, saving microcontroller port High Reliability Serial EEPROMs
|
Rohm
|
ERA3AHD40R2V ERA2AEB57R6X ERA1AEB5761C ERA2APB5760 |
High Precision Thin Film Chip Resistors, High Reliability Type
|
Panasonic
|
BR25H020-W BR25H020-WE2 BR25H010F-WE2 BR25H010FJ-W |
HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40∑C ~ 125∑C type HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40°C ~ 125°C type HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40掳C ~ 125掳C type HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40隆?C ~ 125隆?C type
|
Rohm
|
RSX205L-30 RSX205L-30TE25 |
High Efficiency , High Reliability Type Schottky Barrier Diode
|
ROHM
|
SML-512DW SML512BC5T SML-512CW SML-511WW SML-511UW |
Original device technology enables high brightness and high reliability
|
Rohm http://
|
|