PART |
Description |
Maker |
CY62157DV3006 CY62157DV30L-55BVXE CY62157DV30L-55B |
8-Mbit (512K x 16) MoBL㈢ Static RAM 8-Mbit (512K x 16) MoBL? Static RAM 8-Mbit (512K x 16) MoBL垄莽 Static RAM 8-Mbit (512K x 16) MoBL Static RAM
|
Cypress Semiconductor
|
CYK001M16ZCCAU-70BAI CYK001M16ZCCA CYK001M16ZCCAU- |
1M X 16 PSEUDO STATIC RAM, 55 ns, PBGA48 6 X 8 MM, 1.20 MM HEIGHT, FBGA-48 1M X 16 PSEUDO STATIC RAM, 70 ns, PBGA48 6 X 8 MM, 1.20 MM HEIGHT, FBGA-48 16-Mbit (1M x 16) Pseudo Static RAM CAP 1000PF 1000V 5% NP0(C0G) SMD-1812 TR-7 PLATED-NI/SN 1M X 16 PSEUDO STATIC RAM, 70 ns, PBGA48
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
Y51-03 Y51-02 Y21-01 Y31-01 Y41-03 Y61-03 Y21-02 Y |
VALVE STARTUP 3/8 阀门启8 VALVE SHUT OFF 1/8 阀门关闭了1 / 8 VALVE STARTUP 1/2 阀门启 / 2 VALVE SHUT OFF 1/4 阀门关闭了1 / 4 VALVE SHUT OFF 3/4 VALVE STARTUP 1/4 IC SRAM 512KX36 2.5V SYN 100TQFP VALVE SHUT OFF 1/2 BRACKET T 1-Mbit (128K x 8) Static RAM IC MCU 8K FULL SPEED USB 28SDIP BRACKET L 1M/512K FAST ASYNC SRAM 5V, 3.3V, ISR High-Performance CPLDs 256K (32K x 8) Static RAM -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash SPACER EZ-USB FX2LP USB Microcontroller High-Speed USB Peripheral Controller 1-Mbit (64K x 16) Static RAM 2M x 8 Static RAM 36-Mbit DDR-II SRAM 2-Word Burst Architecture BRANCH UNIT
|
AMIC Technology, Corp. Vishay Intertechnology, Inc. NXP Semiconductors N.V. Harwin PLC
|
M24D16161ZA-70BIG |
1M X 16 PSEUDO STATIC RAM, 70 ns, PBGA48 6 X 8 MM, 1 MM HEIGHT, LEAD FREE, VFBGA-48 16-Mbit (1M x 16) Pseudo Static RAM
|
Elite Semiconductor Memory Technology, Inc. Elite Semiconductor Memory Technology Inc.
|
IS75V16F128GS32 IS75V16F128GS32-7065BI |
3.0 Volt Multi-Chip Package (MCP) 128 Mbit Simultaneous Operation Flash Memory and 32 Mbit Pseudo Static RAM
|
ISSI[Integrated Silicon Solution, Inc]
|
CY62167E09 |
16-Mbit (1M x 16 / 2M x 8) Static RAM
|
Cypress Semiconductor
|
CY7C1069DV33-10BVXI CY7C1069DV33-10BVXIT CY7C1069D |
16-Mbit (2 M 8) Static RAM
|
Cypress
|
CY62167DV30 CY62167DV30L-55BVI CY62167DV30L-55ZI C |
16-Mbit (1M x 16) Static RAM
|
CYPRESS[Cypress Semiconductor]
|
CY62177DV30 CY62177DV30LL CY62177DV3011 |
32-Mbit (2M x 16) Static RAM
|
Cypress Semiconductor
|
CY62187EV30LL-55BAXI12 CY62187EV3012 |
64-Mbit (4 M × 16) Static RAM
|
Cypress Semiconductor
|
CY7C1069BV33 CY7C1069BV33-10ZC CY7C1069BV33-10ZI C |
16-Mbit (2M x 8) Static RAM
|
Cypress Semiconductor
|