PART |
Description |
Maker |
74ALVT162823 74ALVT162823DGG 74ALVT162823DL |
18-bit bus-interface D-type flip-flop with reset and enable with 30ohm termination resistors (3-State) 74ALVT162823; 18-bit bus-interface D-type flip-flop with reset and enable with 30 Ohm termination resistors (3-State)
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PCF8582C-2T/03 PCF8582C-2P/03 PCF8582C-2T/03112 PC |
256 x 8-bit CMOS EEPROM with I2C-bus interface PCF8582C-2; 256 x 8-bit CMOS EEPROM with I²C-bus interface
|
NXP Semiconductors N.V. Philips
|
NM25C041 |
4K-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface (SPI⑩) Synchronous Bus) 4K-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
|
FAIRCHILD[Fairchild Semiconductor]
|
24C64 M24C64 M24C64BN1T M24C64-BN3 M24C64-BN3P M24 |
20-Bit Bus-Interface D-Type Latch With 3-State Outputs 56-SSOP -40 to 85 RECTIFIER SCHOTTKY SINGLE 10A 35V 250A-ifsm 0.6V-vf 1mA-ir TO220AC 50/TUBE RECTIFIER SBR DUAL 40A 60V 280A-ifsm 700mV-vf 0.5mA-ir TO-220AB 50/TUBE 64/32千位串行I?C总线的EEPROM 1-Bit To 2-Bit Address Driver With 3-State Outputs 80-TSSOP -40 to 85 64Kbit32Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS 16-Bit Transparent D-Type Latch With 3-State Outputs 48-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国256位每字举办的串行CMOS 1-Bit To 4-Bit Address Driver With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM 1-Bit To 4-Bit Address Driver With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM Collier 64Kbit2Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS 12-Bit To 24-Bit Multiplexed Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 3.3-V 20-Bit Flip-Flop With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 18-Bit To 36-Bit Registered Bus Exchanger With 3-State Outputs 80-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM ECONOLINE: RSZ/P - 1kVDC FUSE 18-Bit Universal Bus Driver with 3-State Outputs 56-SSOP -40 to 85 12-Bit To 24-Bit Multiplexed Bus Exchanger With 3-State Outputs 56-TSSOP -40 to 85 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 64/32KbitSerialICBusEEPROM 64/32 Kbit Serial I2C Bus EEPROM 64Kbit and 32Kbit Serial I2C Bus EEPROM 64Kbit and 32Kbit Serial IC Bus EEPROM 64/32 Kbit Serial IC Bus EEPROM 64Kbit and 32Kbit Serial I?C Bus EEPROM 64/32 Kbit Serial I?C Bus EEPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IDT74ALVCH162374 IDT74ALVCH162374PA IDT74ALVCH1623 |
3.3V CMOS 16-Bit Edge- Triggered D-Type Flip-Flop with 3-State Outputs, Bus-Hold 3.3V CMOS 16-BIT EDGETRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT
|
PCF85103C-2 PCF85103C-2T PCF85103C-2P |
256 x 8-bit CMOS EEPROM with I2C-bus interface 256 X 8-bit CMOS EEPROM with I 2 C-bus interface
|
PHILIPS[Philips Semiconductors]
|
INF85116 INF85116N |
2048 X 8 -Bit CMOS EEPROM with I2С-bus interface 2048 X 8 -Bit CMOS EEPROM with I2?-bus interface
|
Integral Corp.
|
PCF8582C-2T PCF8598C-2P PCF8598C-2T PCF8582C-2P PC |
256 to 1024 x 8-bit CMOS EEPROMs with I2C-bus interface PCF85xxC-2 family 256 to 1024 8-bit CMOS EEPROMs with I2C-bus interface 1024 8-bit CMOS EEPROM with I2C-bus interface IC-SM-2K CMOS EEPROM PCF85xxC-2 family 256 to 1024 8-bit CMOS EEPROMs with I2C-bus interface PCF85xxC-2 family 256 to 1024 ′ 8-bit CMOS EEPROMs with I2C-bus interface
|
Philips Semiconductors NXP Semiconductors Integrated Circuit Systems
|
NM93C06EM8 NM93C06EMT8 NM93C06EN NM93CS06EMT8 NM93 |
256-Bit Serial CMOS EEPROM (MICROWIRE?/a> Synchronous Bus) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Card Edge Connector; No. of Contacts:40; Pitch Spacing:0.1" RoHS Compliant: Yes 256-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus) 256-BIT SERIAL CMOS EEPROM (MICROWIRE⒙ SYNCHRONOUS BUS) 256-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus) 256-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus)
|
Fairchild Semiconductor, Corp. EEPROM Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
IDT74ALVCH162721 |
3.3V CMOS 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT
|
IDT74ALVCH162721PA IDT74ALVCH162721PA8 |
3.3V CMOS 20-Bit Flip-Flop with 3-State Outputs and Bus-Hold
|
IDT
|
SN74LVC821ADBLE SN74LVC821ADBR SN74LVC821ADGVR SN7 |
<font color=red>[Old version datasheet]</font> 10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
|
TI store
|