PART |
Description |
Maker |
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|
AD8551 AD8554 AD8552 |
Zero-Drift, Single-Supply,Rail-to-Rail Input/Output Operational Amplifier(低漂单电满幅度输入输出四运放) Zero-Drift, Single-Supply,Rail-to-Rail Input/Output Operational Amplifier(低漂单电满幅度输入输出双运放) Zero-Drift, Single-Supply,Rail-to-Rail Input/Output Operational Amplifier(低漂单电满幅度输入输出运 零漂移,单电源,轨到轨输输出运算放大器(低漂移,单电源,满幅度输入输出运放)
|
Analog Devices, Inc.
|
KBPC1501 KBPC1504 KBPC15005 KBPC1508 |
Dual Advanced LinCMOS(TM) Rail-To-Rail Operational Amplifier 8-PDIP 0 to 70 Rail-To-Rail Low Power Advanced LinCMOS(TM) Dual Operational Amplifier 10-CFP -55 to 125 TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP -40 to 125
|
DC Components Co., Ltd.
|
KBPC106 KBPC104 KBPC102 BR310 KBPC108 |
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER Automotive Catalog Advanced LinCMOS Rail-to-Rail Very Low-Power Operational Amplifier 14-SOIC -40 to 125 Quad Rail-To-Rail uPower Operational Amplifier 14-SOIC
|
DC Components Co., Ltd. http://
|
NJM2716 NJM2716F |
SINGLE SUPPLY HI-SLEW RATE SINGLE OPERATIONAL AMPLIFIER
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
M38747M4T-XXXFS M38747M4T-XXXGP M38748E4T-XXXFS M3 |
DCM37PP Single 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier w/Shutdown 8-SOIC 0 to 70 Quad 1.8-V, Micro-power, Rail-to-Rail, Single Supply Amplifier with Shutdown 16-SOIC -40 to 85 Quad 1.8-V, Micro-power, Rail-to-Rail, Single Supply Amplifier with Shutdown 16-SOIC 0 to 70 Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC 0 to 70 Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 0 to 70 BATTERY, SILVER OXIDE, V317; Voltage, output:1.5V; Capacity, energy storage:12.5mAh; Technology, Battery:Silver Oxide; Length / Height, external:1.7mm; Diameter, body:5.8mm; Battery size code:Button; Weight:0.18g RoHS Compliant: NA BATTERY, SILVER OXIDE, V315; Voltage, output:1.5V; Capacity, energy storage:21mAh; Technology, Battery:Silver Oxide; Length / Height, external:1.6mm; Diameter, body:7.9mm; Battery size code:Button; Weight:0.33g RoHS Compliant: NA BATTERY, SILVER OXIDE, V319; Voltage, output:1.5V; Capacity, energy storage:18mAh; Technology, Battery:Silver Oxide; Length / Height, external:2.7mm; Diameter, body:5.8mm; Battery size code:Button; Weight:0.31g RoHS Compliant: NA Global Limit Switches Series GLS: Wobble - Coil Spring, 2NC Slow Action, 20 mm CABLE FLAT FLEX 16POS 1MM 2,1 Single 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier w/Shutdown 8-SOIC -40 to 125 Single 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier w/Shutdown 8-MSOP -40 to 125 Single 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier w/Shutdown 8-PDIP -40 to 125 Single 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier w/Shutdown 8-PDIP 0 to 70 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯8位CMOS微机 192280030 单芯位CMOS微机 Dual 1.8-V, Micro-power, Rail-to-Rail, Single Supply Amplifier with Shutdown 14-SOIC -40 to 85 单芯位CMOS微机 Dual 1.8-V, Micro-power, Rail-to-Rail, Single Supply Amplifier with Shutdown 10-MSOP -40 to 85 单芯位CMOS微机 Quad 1.8-V, Micro-power, Rail-to-Rail, Single Supply Amplifier 14-SOIC 0 to 70 单芯位CMOS微机 Quad 1.8-V, Micro-power, Rail-to-Rail, Single Supply Amplifier with Shutdown 16-TSSOP -40 to 85
|
Mitsubishi Electric Semiconductor Mitsubishi Electric Corporation Mitsubishi Electric, Corp. Renesas Electronics, Corp. http:// Mitsubishi Electric Sem...
|
TC75S55F07 TC75S55FE |
Single Operational Amplifier
|
Toshiba Semiconductor
|
TA75S01F07 |
Single Operational Amplifier
|
Toshiba Semiconductor
|
UPC4071G2-E1 UPC4071G2-E2 UPC4071G2-T2 UPC4071G2-T |
Single operational amplifier
|
NEC
|
UTCM2100 |
SINGLE OPERATIONAL AMPLIFIER
|
UTC[Unisonic Technologies]
|
|