PART |
Description |
Maker |
UC3500 UC3550L-XX-AF5-R UC3550-XX-AF5-R UC3550-33- |
PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER PWM控制,PWM / PFM切换升压型DC - DC控制 PWM CONTROLLED锛?WM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
|
??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
PEG-3E-500B PEP-3R-10B PEG-3E-25B PEP-3R-70 PEP-3R |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 4A High Efficiency Switching Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C Micropower High Efficiency 3.3/5V Step-Up DC/DC Converter 10 to 500 MHz / Continuous 0° to 180° Adjustment / Voltage Controlled / Low Insertion Loss PHASE SHIFTERS
|
Merrimac Industries, Inc.
|
ZXRD1050PQ16 ZXM64NO3X ZXRD1033PQ16 ZXRD1033NQ16 Z |
HIGH EFFICIENCY SIMPLESYNC?PWM DC-DC CONTROLLERS 5 V, High efficiency simplesync PWM DC-DC controller 3.3 V, High efficiency simplesync PWM DC-DC controller PTSE 30C 29#20 1#16 PIN RECP MC680X0 FPU COPROCESSOR Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3121; No. of Contacts:11; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle RoHS Compliant: No HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS Adj, High efficiency simplesync PWM DC-DC controller
|
Diodes Incorporated ZETEX PLC Zetex Semiconductors
|
ADP1148-3.3 ADP1148-5 ADP1148AN-3.3 ADP1148AR-3.3 |
InputV: 0.3-20V; 50mA; high efficiency synchronous step-down switching regulator. For notebook and palmtop computers, portable instrumnets, battery operated digital devices 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C High Efficiency Synchronous Step-Down Switching Regulators(高效率同步步降开关稳压器)
|
Analog Devices, Inc.
|
HS15 HS13 HS11 HS14 HS12 |
Low Power Loss, High efficiency HIGH EFFICIENCY RECTIFIERS(1.0A,50-400V) HIGH EFFICIENCY RECTIFIERS(1.0A/50-400V)
|
MOSPEC[Mospec Semiconductor] MOSPEC SEMICONDUCTOR CORP.
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
ADP1147AR-5 ADP1147AN-33 ADP1147AN-5 ADP1147AR-33 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS High Efficiency Step-Down Switching Regulator Controllers
|
Analog Devices, Inc.
|
MAX747 MAX747C_D MAX747CPD MAX747CSD MAX747EPD MAX |
High-Efficiency PWM, Step-Down P-Channel DC-DC Controller High-Efficiency PWM Step-Down P-Channel DC-DC Controller High-Efficiency PWM / Step-Down P-Channel DC-DC Controller Parallel-Load 8-Bit Shift Registers 16-CDIP -55 to 125
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
HER301 HER305 HER302 HER303 HER304 |
HIGH EFFICIENCY RECTIFIERS(3.0A,50-400V) HIGH EFFICIENCY RECTIFIERS(3.0A/50-400V) 28000 GATE 3.3 VOLT LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN
|
MOSPEC[Mospec Semiconductor] MOSPEC SEMICONDUCTOR CORP.
|
RU2M RU2AM RU2AMZ RU2MZ |
(RU2MZ / RU2AMZ) HIGH EFFICIENCY RECTIFIER (RU2M / RU2AM) HIGH EFFICIENCY RECTIFIER
|
Galaxy Semi-Conductor Holdings Limited BILIN
|
HFM208A HFM201A HFM202A HFM203A HFM204A HFM205A HF |
2 A, 50 V, SILICON, RECTIFIER DIODE, DO-214AC SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes HIGH EFFICIENCY RECTIFIER 50V 2.0A
|
RECTRON LTD Rectron Semiconductor
|
RH5RI351B RH5RI351A RH5RI352B RH5RIXX1B RH5RIXX2B |
VFM STEP-UP DC/DC CONVERTER
|
RICOH[RICOH electronics devices division]
|