PART |
Description |
Maker |
SY10H842L SY10H842LZC SY10H842LZCTR SY100H842LZC S |
3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE 100H SERIES, LOW SKEW CLOCK DRIVER, 4 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16
|
Micrel Semiconductor, Inc. MICREL[Micrel Semiconductor]
|
REC3-123.3SRW REC3-123.3SRW_H1 REC3-123.3SRWZ_H1 R |
8-Pin N-FET Linear Regulator Controller 8-SOIC 0 to 70 3瓦特DIP24 /贴片 3 Watt DIP24 / SMD Single & Dual Output 3瓦特DIP24 /贴片 Single Output LDO, 500mA, Fixed(5V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 Single Output LDO, 500mA, Fixed(12V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 BiCMOS Power Factor Preregualtor 16-SOIC 0 to 70 Single Output LDO, 3.0A, Fixed(3.3V), Reverse Current Protection, Thermal Shutdown 3-DDPAK/TO-263 0 to 70 BiCMOS Advanced Phase Shift PWM Controller 20-TSSOP 0 to 70 3 Watt DIP24 / SMD Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
P6MU-2415EH40 P6MU-0505EH40 P6MU-0512EH40 P6MU-120 |
Input voltage: 5V, output voltage 12V (84mA), 4KV isolated 1W unregulated single output Input voltage:12V, output voltage 12V (84mA), 4KV isolated 1W unregulated single output Input voltage:24V, output voltage 5V (200mA), 4KV isolated 1W unregulated single output Input voltage:24V, output voltage 15V (67mA), 4KV isolated 1W unregulated single output Input voltage:24V, output voltage 12V (84mA), 4KV isolated 1W unregulated single output 4 KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14 4千伏隔震1W的未稳压单输出DIP14 Input voltage: 5V, output voltage 5V (200mA), 4KV isolated 1W unregulated single output
|
Electronic Theatre Controls, Inc. PEAK[PEAK electronics GmbH]
|
IDT54FCT620CTLB IDT54FCT620CTEB IDT54FCT620ATDB ID |
High Frequency Synchronous PWM Buck Controller in a 10-Lead MLPD Package. High Frequency 2-Phase Single or Dual Output Sychronous Step Down Controller with Output Tracking and Sequencing High Frequency 2-Phase, Single or Dual Output Synchronous Step Down Controller with Output Tracking and Sequencing Single 8-Bit Inverting Bus Transceiver 位反向总线收发
|
Fairchild Semiconductor, Corp.
|
LGA679 LGA679-CO LSA679 LSA679-CO Q62703-Q2554 LYA |
LC SIDELED Low Current LED SINGLE COLOR LED, GREEN, 2.4 mm ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85%
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
P6LU-2415EH52 P6LU-0505EH52 P6LU-0512EH52 P6LU-120 |
Input voltage:12V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output Input voltage:24V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output Input voltage:12V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output 5.2KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7 5.2KV隔震1W的未稳压单输出SIP7
|
PEAK[PEAK electronics GmbH]
|
BSP20 BSP19 |
NPN high-voltage transistors INNOLINE: RP100-S_DI - Single Output up to 25A Dual Outputs Total Power up to 100W- Input/Output 1.6kVDC Isolation- Adjustable Output Voltage
|
NXP Semiconductors PHILISP PHILIPS[Philips Semiconductors]
|
DBF60T |
Switch Mode Power Supply; Series:ZPS; Output Voltage:15VDC; Output Power Max:40W; Output Current:2.67A; Number of Outputs:1; Approval Bodies:UR, CSA, CE 6.0A Single-Phase Bridge Rectifier
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
VEFT1-S3.3-S3.3-SMT VEFT1-S3.3-S5-SMT VEFT1-S5-S9- |
1-OUTPUT 1 W DC-DC UNREG PWR SUPPLY MODULE single output series dc-dc converter
|
CUI INC,
|
DS31407 |
3-Input, 4-Output, Single DPLL Timing IC with Sub-ps Output Jitter Differential
|
Maxim Integrated Products
|
POLS10-05T-P |
10A Output Current Rating DC/DC Open Frame Power Supply Single Output
|
Wall Industries,Inc.
|
POLS10-12T POLS10-12T-P POLS10-12TA-P |
10A Output Current Rating DC/DC Open Frame Power Supply Single Output
|
Wall Industries,Inc.
|