PART |
Description |
Maker |
M36P0R9060E0 |
512 Mbit Flash memory 64 Mbit (Burst) PSRAM
|
Numonyx
|
M58PR512JE96ZB5E M58PR512JE96ZB5F M58PR256JE96ZB5E |
256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
|
STMicroelectronics
|
BBS-15 BBS-1/4 BBS-2/10 BBS-1-8/10 BBS-10 BBS-1-6/ |
72-Mbit QDR-II SRAM 2-Word Burst Architecture 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 72-Mbit DDR-II SRAM 2-Word Burst Architecture 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 36-Mbit QDR-II SRAM 4-Word Burst Architecture Fuse 256K (32K x 8) Static RAM 64/256/512/1K/2K/4K x 18 Synchronous FIFOs Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs Neuron® Chip Network Processor 64-Kbit (8K x 8) Static RAM 72-Mbit QDR™-II SRAM 2-Word Burst Architecture 保险
|
NXP Semiconductors N.V.
|
M36P0R9060E0 M36P0R9060E0ZACE M36P0R9060E0ZACF |
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
|
Numonyx B.V
|
S29GL256S |
1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
|
Cypress Semiconductor
|
AM41DL6408G |
64 Mbit (8 M x 8-Bit/4 M x 16-Bit) CMOS and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM (Prelimin From old datasheet system
|
AMD Inc
|
M36P0R9070E0ZACF M36P0R9070E0 M36P0R9070E0ZAC M36P |
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package 512兆位(x16插槽,多银行,多层次,多突发28兆位闪存(突发)移动存储芯片.8V电源,多芯片封装
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
CY62148ELL-45ZSXA CY62148ELL-45ZSXI CY62148ELL-55S |
4-Mbit (512 K ? 8) Static RAM 4-Mbit (512 K × 8) Static RAM
|
Cypress Semiconductor
|
CY62148ELL-45ZSXA |
4-Mbit (512 K 8) Static RAM
|
Cypress
|
CY7C1051DV33-12ZSXI CY7C1051DV33-12ZSXIT |
8-Mbit (512 K 16) Static RAM
|
Cypress
|