PART |
Description |
Maker |
IACM-151393028-7 |
Solid State Relays and Input/Output Modules; IACM-15=IO MODULES ( Potter & Brumfield )
|
Tyco Electronics
|
MCC162-18IO1 MCC162-14IO1 MCD162-18IO1 MCD162-12IO |
Thyristor and Rectifiers Modules PC Board Connector; No. of Contacts:8; Pitch Spacing:3.96mm; No. of Rows:1; Mounting Type:PCB Thru-hole; Body Material:PA Polyamide (Nylon); Contact Thyristor Modules Thyristor/Diode Modules 300 A, 1400 V, SCR Thyristor Modules Thyristor/Diode Modules 晶闸管模块可控硅/二极管模 Thyristor Modules Thyristor/Diode Modules 300 A, 800 V, SCR Thyristor Modules Thyristor/Diode Modules 300 A, 1800 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|
5962F9563002VXC HS1-1840BRH/PROTO HS9-1840BRH/PROT |
Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
|
Intersil Corporation http://
|
HS1-1840ARH HS9-1840ARH |
Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
|
Intersil
|
AD13465/PCB AD13465AF 5962-0150601HXA AD13465BZ |
Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning 双通道4位,65 MSPS的A / D转换的模拟输入信号调 ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% Dual Channel/ 14-Bit/ 65 MSPS A/D Converter with Analog Input Signal Conditioning
|
Analog Devices, Inc.
|
ADXL105 ADXL105AQC ADXL105JQC ADXL105EM-1 |
High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input Circular Connector; No. of Contacts:128; Series:LJTP02R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle SPECIALTY ANALOG CIRCUIT, CDSO14 High Accuracy 1 g to 5 g Single Axis iMEMS Accelerometer with Analog Input ±5g Single Axis High Performance Accelerometer with Analog Output
|
Analog Devices, Inc. AD[Analog Devices]
|
70M-IAC5 70M-IAC15 70M-IAC15A 70-IAC15 70-IAC15A 7 |
AC Input Modules
|
Grayhill, Inc
|
IAC15A |
AC Input Modules
|
Crydom Corporation
|
PVX012A0X3-SRDZ PDT012A0X3 PDT012A0X31108 |
12A Analog Pico DLynxTM: Non-Isolated DC-DC Power Modules
|
http:// Lineage Power Corporation
|
84134310 84134311 84134312 84067441 84067449 84134 |
SIMM Series Input Modules
|
ETC
|