PART |
Description |
Maker |
MTD6P10E-D |
Power MOSFET 6 Amps, 100 Volts P-Channel DPAK
|
ON Semiconductor
|
MTP40N10E-D |
Power MOSFET 40 Amps, 100 Volts N-Channel TO-220
|
ON Semiconductor
|
SFF120-28Q |
9.2 AMPS 100 VOLTS 0.35S QUAD N-CHANNEL POWER MOSFET 9.2 A, 100 V, 0.35 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
Solid State Devices, Inc.
|
NTB90N02 NTB90N02T4 NTP90N02 |
Power MOSFET 90 Amps / 24 Volts TV 18C 14#22D 4#8(TWINAX) PIN 90 A, 24 V, 0.0058 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 90 Amps, 24 Volts Power MOSFET 90 Amps 24 Volts
|
ONSEMI[ON Semiconductor]
|
NTF3055-160T1 NTF3055-160T3 NTF3055-160T3LF NTF305 |
TRANSISTOR|MOSFET|N-CHANNEL|60VV(BR)DSS|2AI(D)|SOT-223
From old datasheet system Power MOSFET 2.0 Amps, 60 Volts N?Channel SOT23(2A,60V逻辑电平,N通道,SOT-223封装的功率MOSFET) Power MOSFET 2.0 Amps, 60 Volts N-Channel SOT-223 2 A, 60 V, 0.16 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261
|
ONSEMI[ON Semiconductor]
|
MTP12P10 MTP12P10G |
Power MOSFET 12 Amps, 100 Volts P−Channel TO−220
|
ON Semiconductor
|
MTY100N10E-D |
Power MOSFET 100 Amps, 100 Volts
|
ON Semiconductor
|
NTD24N06L NTD24N06L-1 NTD24N06L-1G NTD24N06LG NTD2 |
Power MOSFET 24 Amps, 60 Volts, Logic Level N-Channel DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 24 A, 60 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 24Amps, 60Volts Logic Level N-Channel DPAK(24A, 60 V,逻辑电平,N通道,DPAK封装的功率MOSFET) Power MOSFET 24 Amps, 60 Volts Logic Level, N−Channel DPAK
|
ON Semiconductor
|
MTP10N10EL MTP10N10ELG |
Power MOSFET 10 Amps, 100 Volts, Logic Level; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 10 A, 100 V, 0.22 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 10 A, 100 V, Logic Level, N−Channel TO−220
|
ON Semiconductor
|
SSR2010Z SSR2008M SSR2008Z SSR2009M SSR2009Z SSR20 |
20 AMPS 100 VOLTS CHOTTKY RECTIFER
|
Solid States Devices, Inc. SSDI[Solid States Devices, Inc]
|
|