PART |
Description |
Maker |
1011200000 |
Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Color:Beige; Terminal Block Clamp Type:Screw Clamp; External Width:35mm; Voltage Rating, AC:800V RoHS Compliant: Yes 10 A, MODULAR TERMINAL BLOCK, 1 DECK
|
Weidmuller, Corp.
|
0192130010 192130010 |
Avikrimp Wire Pin Terminal for 22-18 AWG Wire, Mylar Tape Carrier MOLEX Connector
|
Molex Electronics Ltd.
|
SD-19213-002 0192130007 |
Avikrimp Wire Pin Terminal for 12-10 AWG Wire
|
Molex Electronics Ltd.
|
35430-1900 |
6.00mm (.236) Tab Wire-to-Wire Terminal, Female, Two-Piece Type, Wire Range AVS (CAVS) 2.00-3.00mm square (.079-.118)
|
Molex Electronics Ltd.
|
0357160110 35716-0110 |
2.36mm (.093) Diameter Pin Wire-to-Board Terminal, Female, Brass, Wire Range 20-24 AWG (0.52-0.20mm2), Pre-Tin Plated
|
Molex Electronics Ltd.
|
35716-0190 0357160190 357160190 |
2.36mm (.093) Diameter Pin Wire-to-Board Terminal, Female, Brass, Wire Range 20-24 AWG (0.52-0.20mm2), Pre-Ni Plated 2.36mm (.093") Diameter Pin Wire-to-Board Terminal, Female, Brass, Wire Range 20-24 AWG (0.52-0.20mm虏), Pre-Ni Plated
|
Molex Electronics Ltd.
|
120-1134 120-1134-04-03-00 120-1134-05-03-00 |
BRASS, GOLD FINISH, PCB TERMINAL Solder terminal, Pin type
|
WEARNES CAMBION LTD CAMBION Electronic Components
|
1683490000 |
Feed-Through Terminal; No. of Positions:1; Wire Size (AWG):12-30; Mounting Type:Clipped RoHS Compliant: Yes 27 A, MODULAR TERMINAL BLOCK, 1 DECK
|
Weidmuller, Corp.
|
571-4030 571-4030-03-01-19 571-4030-01-01-19 |
BRASS, SILVER FINISH, PCB TERMINAL Insulated solder terminal, Pin type
|
WEARNES CAMBION LTD CAMBION Electronic Components
|
21.305.0853.0 21.341.5653.0 21.305.1053.0 21.305.0 |
Terminal Block; No. of Positions:8; Pitch Spacing:0.315"; Wire Size (AWG):22-16; Mounting Type:Panel; No. of Contacts:8 RoHS Compliant: Yes 10 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:6; Pitch Spacing:0.531"; Wire Size (AWG):22-10; Mounting Type:Panel; Number of Contacts:6 40 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:10; Pitch Spacing:0.315"; Wire Size (AWG):22-16; Mounting Type:Panel; Leaded Process Compatible:No; Number of Contacts:10; Peak Reflow Compatible (260 C):No 10 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:4; Pitch Spacing:0.315"; Wire Size (AWG):22-16; Mounting Type:Panel; Number of Contacts:4 10 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:8; Pitch Spacing:0.531"; Wire Size (AWG):22-10; Mounting Type:Panel; Number of Contacts:8 40 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:8; Pitch Spacing:0.571"; Wire Size (AWG):22-6; Mounting Type:Panel; Leaded Process Compatible:No; Number of Contacts:8; Peak Reflow Compatible (260 C):No 75 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Mounting Type:Panel RoHS Compliant: Yes 65 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:10; Pitch Spacing:0.571"; Wire Size (AWG):22-6; Mounting Type:Panel; Number of Contacts:10 75 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; No. of Positions:5; Pitch Spacing:14.5mm; Wire Size (AWG):6-22; Mounting Type:Panel; Color:Ivory 75 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:6; Pitch Spacing:0.472"; Wire Size (AWG):22-12; Mounting Type:Panel; Number of Contacts:6 40 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK 20 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK
|
Wieland Electric, Inc. WIELAND ELECTRIC INC
|
571-4031 571-4031-01-05-19 |
BRASS, TIN LEAD OVER COPPER FINISH, PCB TERMINAL Insulated solder terminal, Pin type
|
WEARNES CAMBION LTD CAMBION Electronic Components
|
|