PART |
Description |
Maker |
TE28F016S5-110 PA28F004S5-120 PA28F004S5-85 PA28F0 |
BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4 8 AND 16 MBIT BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
|
INTEL[Intel Corporation]
|
28F016S5 28F008S5 PA28F004S5-85 E28F008S5-85 PA28F |
BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4/ 8/ AND 16 MBIT
|
Intel
|
TE28F008B3B120 |
SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE 1M X 8 FLASH 3V PROM, 120 ns, PDSO40
|
Intel, Corp.
|
MS28F016SA VS28F016SA |
16-Mbit (2 Mbit x 8) FlashFile Memory(16-M2 Mx 8) FlashFile 存储 16-Mbit (1 Mbit x 16) FlashFile Memory(16-M1 Mx 16) FlashFile 存储 16兆位兆位× 16FlashFile内存6米位米位× 16FlashFile存储器)
|
Intel Corp. Intel, Corp.
|
AT05SC1604R |
AT05SC1604R Summary [Updated 8/02. 2 Pages] AT05SC1604R摘要[更新8日2页] Secure Microcontroller for Smart Cards Low-power, industry standard 8-bit secure microcontroller with 16K Byte ROM, 4K Byte EEPROM, 1K RAM
|
Bivar, Inc. ATMEL[ATMEL Corporation]
|
28F008S5 28F016S5 |
16-MBIT 5V FlashFile Memory(16MV闪速存储器) 8-MBIT 5 VOLT FlashFile Memory(8MV闪速存储器) 8兆位5伏FlashFile内存00万位5V的闪速存储器
|
Intel Corp. Intel, Corp.
|
CDP1852C_3 CDP1852D3 CDP1852_3 CDP18523 CDP1852CD3 |
High-Reliability Byte-Wide Input/Output Port
|
Intersil Corporation
|
ATTINY13 |
1-Kbyte In-System programmable Flash Program Memory, 64-Byte SRAM, 64-Byte EEPROM, 32-Byte Register File, 4-channel 10-bit A/D, Up to 16 MIPS throughput at 16 MHz, 5 Volts. 1.8 - 5.5 Volt Operation.
|
Atmel
|
LTC1599BCGTR |
16-Bit Byte Wide, Low Glitch Multiplying DAC with 4-Quadrant Resistors
|
Linear Technology
|
WM2633IDT WM2633 WM2633CDT |
From old datasheet system Byte-wide Parallel Input, 12-bit Voltage Output DAC with Internal Reference
|
WOLFSON[Wolfson Microelectronics plc]
|
PI6C2309-1WI PI6C2309-1HW PI6C2309-1HLI PI6C2309-1 |
High Speed, 16-Bit, 333ksps Sampling A/D Converter with Shutdown; Package: SSOP; No of Pins: 36; Temperature Range: -40°C to 85°C High Speed, 16-Bit, 333ksps Sampling A/D Converter with Shutdown; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C 16-Bit Byte Wide, Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C 16-Bit Byte Wide, Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: PDIP; No of Pins: 24; Temperature Range: -40°C to 85°C 6C SERIES, PLL BASED CLOCK DRIVER, 5 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO8 0.173 INCH, TSSOP-8 High Speed, 16-Bit, 333ksps Sampling A/D Converter with Shutdown; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C 九分布式输出时钟驱动 16-Bit Byte Wide, Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: PDIP; No of Pins: 24; Temperature Range: -40°C to 85°C 九分布式输出时钟驱动 Nine Distributed-Output Clock Driver 九分布式输出时钟驱动 16-Bit Byte Wide, Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C 九分布式输出时钟驱动
|
Pericom Semiconductor, Corp. Bourns, Inc.
|
LC87F7932B |
32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|