PART |
Description |
Maker |
BYW96 BYW96E BYW96D BYW96_1 BYW96E/A52R BYW96D/A52 |
DIODE FAST-RECOVERY 二极管快速恢 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 Fast soft-recovery controlled avalanche rectifiers From old datasheet system Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:30pF/ft; Outer Diameter:0.157" RoHS Compliant: Yes
|
TOKO, Inc. http:// NXP Semiconductors PHILIPS[Philips Semiconductors]
|
1.5CE27A 1.5CE47CA 1.5CE11A 1.5CE82CA 1.5CE11CA 1. |
Leaded Zener Diode Transient Supressor Shielded Multiconductor Cable; Number of Conductors:24; Conductor Size AWG:24; No. Strands x Strand Size:41 x 40; Jacket Material:Polyolefin; Shielding Material:Bare Copper Braid; Shielding Coverage:95%; Number of Pairs:12 RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:32; Conductor Size AWG:24; No. Strands x Strand Size:41 x 40; Jacket Material:Polyolefin; Shielding Material:Bare Copper Braid; Shielding Coverage:95%; Number of Pairs:16 RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:10; No. Strands x Strand Size:105 x 30; Jacket Material:Rubber; Temperature Max:60 C; Voltage Nom.:600V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Material:Rubber; Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes 1.5W TRANSIENT SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201 1.5W TRANSIENT SUPPRESSOR 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-201 Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:10; No. Strands x Strand Size:105 x 30; Jacket Material:Rubber; Temperature Max:60 C; Voltage Nom.:600V 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201
|
CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
115-91-306 115-91-308 115-91-310 115-91-314 115-91 |
3#24 FEP SH FEP RoHS Compliant: Yes 双列直插式插座非常低超低配置/开架式焊尾 Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes 双列直插式插座非常低超低配置/开架式焊尾 Shielded Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes 双列直插式插座非常低超低配置/开架式焊尾 Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:30.2pF/ft; Conductor Material:Copper RoHS Compliant: Yes 双列直插式插座非常低超低配置/开架式焊尾 Dual-in-line sockets very low profile / ultra low profile / open frame Solder tail 双列直插式插座非常低超低配置/开架式焊尾 Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes 3 #22 FEP FS SIL RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:12; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:6; Features:Aluminium Foil/Tinned Copper Braid; Impedance:75ohm RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Features:Conducting Nylon; Leaded Process Compatible:Yes; Temperature Max:150 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:20; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:10; Features:Aluminium Foil/Tinned Copper Braid; Impedance:75ohm RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes Shielded Paired Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:22pF/ft; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:31pF/ft; Conductor Material:Copper RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:25; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:12.5; Features:Aluminium Foil/Tinned Copper Braid; Impedance:75ohm RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:31.7pF/ft; Conductor Material:Copper RoHS Compliant: Yes
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
Q62703-Q3278 Q62703-Q3284 LST776 LST776-NR LST776- |
SCR PHASE CONTROL 1200V 16A TO64 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:14; No. Strands x Strand Size:42 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Temperature Max:105 C; Voltage Nom.:600V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:14; No. Strands x Strand Size:42 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes; Temperature Max:105 C RoHS Compliant: Yes SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Pin Plunger Actuator, Solder Termination Hyper TOPLED RG Hyper-Bright LED SINGLE COLOR LED, SUPER RED, 2.4 mm Hyper TOPLED RG Hyper-Bright LED SINGLE COLOR LED, ORANGE, 2.4 mm Hyper TOPLED RG Hyper-Bright LED 超TOPLED的RG超高亮LED Hyper TOPLED RG Hyper-Bright LED SINGLE COLOR LED, AMBER, 2.4 mm
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Siemens Group SIEMENS AG
|
RXT-XX0505 RYT-150909 RYT-150505 RYT-120505 RYT-12 |
ECONOLINE DC/DC-CONVERTER ECONOLINE直流/直流转换 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; Jacket Material:Polyvinylchloride (PVC); Voltage Nom.:300V RoHS Compliant: Yes ECONOLINE直流/直流转换 Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes ECONOLINE直流/直流转换 GT 35C 28#16 7#12 PIN RECP ECONOLINE直流/直流转换 2200UF 80WV 20% *NO Pb* ECONOLINE -直流/直流-转炉 ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉 Shielded Multiconductor Cable; Number of Conductors:5; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes
|
RECOM Power Inc. RECOM Electronic GmbH
|
X28LC513JI-25 X28LC512 X28LC512J-15 X28LC512J-20 X |
Shielded Multiconductor Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes Paired Cable; Number of Conductors:16; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:8; Conductor Material:Copper; Conductor Plating:Tin; Jacket Color:Chrome RoHS Compliant: Yes 3.3 Volt, Byte Alterable E2PROM 3.3 Volt/ Byte Alterable E2PROM
|
XICOR[Xicor Inc.]
|
BYW95A BYW95B BYW95C |
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES Belden Shielded Plenum Multi-Conductor Cable, Wire Size: 18 AWG, Number of Conductors: 2, Length: 1000 feet, Conductor Material: Bare Copper, Shielding: Beldfoil, Jacket: Natural Flamarrest Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:30pF/ft; Conductor Material:Copper RoHS Compliant: Yes
|
EIC discrete Semiconduc... EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited
|
MMBT8550 MMBT8050 M28S KTC5242 BA114ES6R MMBT1015 |
Mini Size Discrete Semiconductor Elements Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT01; Number of Contacts:3; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Body Style:Straight THYRISTOR 75V 100A SMB DO-214AA Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:31.7pF/ft; Conductor Material:Copper RoHS Compliant: Yes Mini size of Discrete semiconductor elements 迷你型离散半导体元件 Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:27.4pF/ft; Conductor Material:Copper RoHS Compliant: Yes 迷你型离散半导体元件
|
N/A Power Innovations Limited ETC Sinyork Co Ltd N.A. Electronic Theatre Controls, Inc.
|
1032-90LJ 1032-80LT 1032-80LJ 1032-90LT 1032-60LG/ |
Multiconductor Cable; Number of Conductors:25; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:12; Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes 高密度可编程逻辑 High-Density Programmable Logic Shielded Paired Cable; Number of Conductors:36; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:18; Drop Ship:Yes; Features:Alumunium Foil Polyester/Tinned Copper Braid RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:36; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:18; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
24C512 AT24C512 AT24C512-10PC AT24C512-10PC-1.8 AT |
Quadruple 2-Input Positive-OR Gates 14-TVSOP -40 to 85 64K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 2-wire Serial EEPROM 64K X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 2-wire Serial EEPROM 64K X 8 I2C/2-WIRE SERIAL EEPROM, PBGA8 2-wire Serial EEPROM 64K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 CABLE 9539, 9CORE, PER M; Cores, No. of:9; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:6.2mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Approval Bodies:CSA, SRPVC, UL RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes 320 x 240 pixel format, LED or CFL Backlight 2-wireSerialEEPROM
|
Atmel, Corp. PROM Atmel Corp. ATMELCorporation ATMEL[ATMEL Corporation]
|
T435-600B T435-600BTR T435-600H T435-600HTR T435-6 |
4A TRIACS 4A双向可控 Fuses, Medium blow cartridge type A双向可控 4A TRIACS A双向可控 High-Flex Thin DeviceBus Paired Cable; Number of Conductors:4; Conductor Size AWG:24-22; No. Strands x Strand Size:154 x 44, 105 x 44; Jacket Material:Thermoplastic Elastomer High-Flex Thick DeviceBus Paired Cable; Number of Conductors:4; Conductor Size AWG:18-15; No. Strands x Strand Size:65 x 33, 65 x 36; Jacket Material:Thermoplastic Elastomer New Generation Twisted Paired Multiconductor Audio Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape CONNECTOR ACCESSORY
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|