PART |
Description |
Maker |
KESRX01 KESRX01_IG_QP1S KESRX01_IG_QP1T KESRX01/IG |
290 - 460MHz ASK Receiver 290 - 460 MHz ASK Receiver
|
Zarlink Semiconductor Inc.
|
FDPF14N30T |
N-Channel UniFET MOSFET 300 V, 14 A, 290 m
|
Fairchild Semiconductor
|
SSF-LXH240GGD |
290 E, HELEN ROAD PALATINE, IL 60067-6976
|
LUMEX INC.
|
1301800317 |
1/2 Cord Grip Grommet, F2 Body Size; 2 holes 7.37mm (.290) Cord Diameter, Black
|
Molex Electronics Ltd.
|
6702 |
0 MHz - 2000 MHz, 290 deg - RF/MICROWAVE COAXIAL MECHANICAL PH SHIFTER DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
|
SPECTRUM CONTROL INC API Technologies Corp
|
MDD250-16N1 MDD250 MDD250-08N1 MDD250-12N1 MDD250- |
High Power Diode Modules 290 A, 1200 V, SILICON, RECTIFIER DIODE Thyristor and Rectifiers Modules
|
IXYS, Corp. IXYS[IXYS Corporation]
|
LTC3806EDETRPBF |
Synchronous Flyback DC/DC Controller; Package: DFN; No of Pins: 12; Temperature Range: -40°C to 125°C 0.05 A SWITCHING CONTROLLER, 290 kHz SWITCHING FREQ-MAX, PDSO12
|
Linear Technology, Corp.
|
LT1806 LT1806CS8 LT1806IS8 1806I |
325MHz,140V/ms Rail-to-Rail Input and Output Low Distortion, Low Noise Precision Op Amp OP-AMP, 900 uV OFFSET-MAX, 290 MHz BAND WIDTH, PDSO8 325MHz,140V/ms Rail-to-Rail Input and Output Low Distortion Low Noise Precision Op Amp From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
APC12G03-9MAJ APC12Y03-9MAJ APC12J03-91 APC12G03-9 |
CHOKE,AXIAL,CONFORMAL,33uH, 5% INDUCTIVE TOL,370 IDC, CHOKE,AXIAL,CONFORMAL,1uH, 10% INDUCTIVE TOL,385 IDC, CHOKE,AXIAL,CONFORMAL,82uH, 5% INDUCTIVE TOL,290 IDC, CHOKE,AXIAL,CONFORMAL,27uH, 10% INDUCTIVE TOL,390 IDC, CHOKE,AXIAL,CONFORMAL,120uH, 5% INDUCTIVE TOL,100 IDC, SOCKET,SHORT BLKS,BLK,OPEN -10 CHOKE,AXIAL,CONFORMAL,390uH, 5% INDUCTIVE TOL,133 IDC, CHOKE,AXIAL,CONFORMAL,22uH, 5% INDUCTIVE TOL,140 IDC, CHOKE,AXIAL,CONFORMAL,10uH, 5% INDUCTIVE TOL,130 IDC, CHOKE,AXIAL,CONFORMAL,100uH, 5% INDUCTIVE TOL,275 IDC, SOCKET,SHORT BLKS,BLK,CLOSE, (10) CHOKE,AXIAL,CONFORMAL,1000uH, 5% INDUCTIVE TOL,100 IDC, CHOKE,AXIAL,CONFORMAL,47uH, 5% INDUCTIVE TOL,340 IDC, CHOKE,AXIAL,CONFORMAL,100uH, 5% INDUCTIVE TOL,125 IDC,
|
Astec America, Inc
|
SPT68H-183MLD SPT68H-113MLD SPT68H-113MSB SPT38L-2 |
Power inductor, toroid, 20% tol, SMT, RoHS 1 ELEMENT, 18 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, toroid, 20% tol, SMT, RoHS 1 ELEMENT, 11 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, toroid, 20% tol, SMT, RoHS 1 ELEMENT, 290 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 11 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD ROHS COMPLIANT 1 ELEMENT, 73 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD ROHS COMPLIANT Power inductor, toroid, 20% tol, SMT, RoHS 1 ELEMENT, 22 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, toroid, 20% tol, SMT, RoHS 1 ELEMENT, 73 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, toroid, 20% tol, SMT, RoHS 1 ELEMENT, 670 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 6.5 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD ROHS COMPLIANT Power inductor, toroid, 20% tol, SMT, RoHS 1 ELEMENT, 6.5 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, toroid, 20% tol, SMT, RoHS 1 ELEMENT, 7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, toroid, 20% tol, SMT, RoHS 1 ELEMENT, 7.9 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, toroid, 20% tol, SMT, RoHS 1 ELEMENT, 7.5 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, toroid, 20% tol, SMT, RoHS 1 ELEMENT, 35 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, toroid, 20% tol, SMT, RoHS 1 ELEMENT, 4.2 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, toroid, 20% tol, SMT, RoHS 1 ELEMENT, 41 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, toroid, 20% tol, SMT, RoHS 1 ELEMENT, 1.1 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, toroid, 20% tol, SMT, RoHS 1 ELEMENT, 8.4 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, toroid, 20% tol, SMT, RoHS 1 ELEMENT, 23 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, toroid, 20% tol, SMT, RoHS 1 ELEMENT, 5.2 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 16 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft, Inc. COILCRAFT INC
|
|