PART |
Description |
Maker |
MC14175B MC14175BCP MC14175BD MC14175BDR2 MC14175B |
Graphics System Processor 145-CPGA -55 to 125 4000/14000/40000 SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDIP16 Quad Type D Flip-Flop
|
ONSEMI[ON Semiconductor]
|
100351QC 100351 100351SC 100351PC 100351QI 100351Q |
From old datasheet system Low Power Hex D-Type Flip-Flop Hex D-Type Flip-Flop 100K SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO24
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74F175 74F175SC 74F175SJ 74F175PC 74F175SCX 74F175 |
Quad D-Type Flip-Flop; Package: SOIC; No of Pins: 16; Container: Tape & Reel F/FAST SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO16 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HD14175 HD14175B |
Quadruple D-type Flip Flop Quad D-type Flip Flop
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
MC14175B06 MC14175BCPG MC14175BDG MC14175BDR2G MC1 |
Quad Type D Flip−Flop
|
ONSEMI[ON Semiconductor]
|
74HC_HCT175 |
Quad D-type flip-flop with reset;
|
Philips
|
TC74HC175AP07 TC74HC175AF TC74HC175AFN TC74HC175AP |
Quad D-Type Flip Flop with Clear
|
Toshiba Semiconductor
|
TC7MH175FK |
Quad D-Type Flip-Flop with Clear
|
TOSHIBA
|
BWP-12/125-D12 BWP-12/125-D48 BWP-5/250-D48 BWP-15 |
Rad-hard 8 bit PISO shift register Rad-hard hex D-type flip flop with clear DC - DC电压转换 Rad-hard quad D-type flip flop with clear 型DC - DC电压转换
|
Sumida, Corp. 3M Company
|
MM74HC273WM MM74HC273_05 MM74HC273 MM74HC273MTC MM |
Octal D-Type Flip-Flop with Clear; Package: SOP; No of Pins: 20; Container: Tape & Reel HC/UH SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20 Octal D-Type Flip-Flops with Clear
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MC100EP01 MC10EP445 MC10H172FNR2 MC100EL29 MC100H6 |
3.3V / 5V ECL 4-Input OR/NOR 3.3V / 5VECL 8-Bit Serial/Parallel Converter Dual Binary 1-4-Decoder (High) 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset 9-Bit TTL-ECL Translator Quad TTL-ECL Translator Dual 2-Wide 2-3-Input OR-AND/OR-AND-Invert Gate 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 5V ECL Voltage Controlled Oscillator 3.3V ECL D-Type Flip-Flop with Set and Reset Binary to 1-8 Decoder (Low) Differential -5V ECL To TTL Translator -3.3V / -5V Triple ECL Input to PECL Output Translator 5V ECL Dual Differential 2:1 Multiplexer Quad MSTR 5V ECL Quad 4-Input OR/NOR Gate 3.3V ECL Dual Differential Data and Clock D-Type Flip-Flop with Set and Reset Dual 4-5-Input OR/NOR
|
ON Semiconductor
|
74HC_HCT173 |
Quad D-type flip-flop; positive-edge
|
Philips
|