PART |
Description |
Maker |
BTA10-600B BTA10-600BW BTA10-600C BTA10-600CW BTA1 |
10A triac, 600V Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:22-55 10A TRIACS 10A条双向可控硅 10A triac, 800V
|
SGS Thomson Microelectronics ST Microelectronics 意法半导 STMicroelectronics N.V.
|
AS2811 |
10A Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed(10A,低压差稳压器(快速响应,可调和固定输出))
|
Sipex Corporation
|
L36SA05010NRFA |
Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 5.0V/10A out 德尔福系列L36SA × 1.60瓦系列DC / DC电源模块1875V的中.0V/10A
|
TE Connectivity, Ltd.
|
SBA100-09Y |
Schottky Barrier Diode (Twin Type Cathode Common) 90V, 10A Rectifier 90V/ 10A Rectifier
|
SANYO[Sanyo Semicon Device]
|
SB100-09K |
Schottky Barrier Diode (Twin Type Cathode Common) 90V, 10A Rectifier 90V 10A Rectifier
|
SANYO[Sanyo Semicon Device]
|
FMU-G2FS |
1500V/10A Damper Diode(1500V/10A,阻尼二极管)
|
http:// SANKEN[Sanken electric] Sanken Electric Co.,Ltd.
|
SGW10N60 SGW10N60A SGB10N60A SGP10N60A |
Fast IGBT in NPT-technology IGBTs & DuoPacks - 10A 600V TO220AB IGBT IGBTs & DuoPacks - 10A 600V TO263AB SMD IGBT IGBTs & DuoPacks - 10A 600V TO247AC IGBT
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
10TQ045S 10TQ040S 10TQ030S 10TQ035 10TQ 10TQ045 10 |
SCHOTTKY RECTIFIER 肖特基整流器 35V 10A Schottky Discrete Diode in a D2-Pak package 35V0A条肖特基二极管的分立的一D2 - PAK封装 40V 10A Schottky Discrete Diode in a D2-Pak package 35V 10A Schottky Discrete Diode in a TO-220AC package 45V 10A Schottky Discrete Diode in a TO-220AC package 45V 10A Schottky Discrete Diode in a D2-Pak package
|
International Rectifier, Corp. SIEMENS AG IRF[International Rectifier]
|
DK1A-L2-24V DK1A-L2-9V DK1AL26VNIL DK1AL26VF DK2AL |
Miniature Power Relay, 1 Form A, 10A 250VAC 10A 30VDC, 2 Coil Latching POWER/SIGNAL RELAY, SPST, LATCHED, 0.008A (COIL), 24VDC (COIL), 200mW (COIL), 10A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT 10 A MINIATURE POWER RELAY
|
Panasonic Semiconductor PANASONIC CORP Panasonic, Corp.
|
DD22.6321.1111 DD22.9121.1111 |
DD22 POWER ENTRY MODULE W. FILTER 6A M5 6A, 250 VAC, MALE, MAINS POWER CONNECTOR, SOLDER FILTER, IEC, 10A, 2P SWITCH FUSE; Current rating:10A; Temp, op. max:85(degree C); Temp, op. min:-25(degree C) RoHS Compliant: Yes 10A, 250 VAC, MALE, MAINS POWER CONNECTOR, SOLDER
|
SCHURTER AG
|
10ETS08S 10ETS08STRL 10ETS08STRR 10ETS12STRR 10ETS |
1600V 10A Std. Recovery Diode in a D2-Pakpackage 1200V 10A Std. Recovery Diode in a D2-Pakpackage 800V 10A Std. Recovery Diode in a D2-Pakpackage INPUT RECTIFIER DIODE
|
IRF[International Rectifier]
|