PART |
Description |
Maker |
NCP4686DSN10T1G NCP4686DSN18T1G NCP4686DSN12T1G NC |
400 mA, High Accuracy, Low Input Voltage, Low Dropout Regulator
|
ON Semiconductor
|
ADP3301AR-3-REEL ADP3301ARZ-5-REEL ADP3301AR-2.7-R |
3.2 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 3 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 SOP-8 High Accuracy anyCAP100 mA Low Dropout Linear Regulator High Accuracy anyCAP® 100 mA Low Dropout Linear Regulator Variable Resolution Resolver-to-Digital Converter High Accuracy anyCAP?/a> 100 mA Low Dropout Linear Regulator High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
|
ANALOG DEVICES INC Analog Devices, Inc.
|
ADP3339 ADP3339AKC-18 ADP3339AKC-25 ADP3339AKC-285 |
High-Accuracy Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.48 V DROPOUT, PDSO4 High-Accuracy Ultralow Iq, 1.5 A, anyCAPLow Dropout Regulator High-Accuracy Ultralow Iq, 1.5 A, anyCAP?Low Dropout Regulator High-Accuracy Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator High-Accuracy Ultralow IQ 1.5 A anyCAP Low Dropout Regulator High-Accuracy Ultralow IQ/ 1.5 A/ anyCAP Low Dropout Regulator Circular Connector; No. of Contacts:24; Series:MS27474; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:24; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:24-24 RoHS Compliant: No Circular Connector; No. of Contacts:85; Series:MS27474; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:22-2 RoHS Compliant: No JT 85C 85#22 PIN RECP JT 100C 100#22D SKT RECP 0.3-8.5V; high-accuracy ultralow Ig, 1.5A, anyCAP low dropout regulator. For notebook, palmtop computers, SCSI terminators, battery-powered systems, PCMCIA regulator
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
ADP3334 ADP3334AR |
High Accuracy Low IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
|
AD[Analog Devices]
|
NCP3335DMR2285G NCP3335_06 NCP3335 NCP3335DMR2250G |
Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
|
ONSEMI[ON Semiconductor]
|
ADP3334AR-REEL ADP3334AR-REEL7 |
High Accuracy Low I
|
Analog Devices
|
ADR4520 ADR4525 |
Ultra-Low-Noise, High-Accuracy 2.048V Voltage Reference Ultra-Low-Noise, High-Accuracy 2.5V Voltage Reference
|
Analog Devices
|
YB1200SC70S-2.6G YB1200SC70S-2.5G YB1200SC70S-1.8G |
High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator 高精度超低噪声,高PSRR LDO稳压
|
YOBON TECHNOLOGIES, INC. YOBON TECHNOLOGIES,INC.
|
TC1072 TC1073-50VCH TC1072-25VCH TC1072-27VCH TC10 |
The TC1072 and TC1073 are high accuracy (typically ±0.5%) CMOS upgrade for older (bipolar) low dropout regulators. Designed specifically for battery-operated systems, the devices’ CMOS construction eliminates wasted ground curre The TC1072 and TC1073 are high accuracy (typically ±0.5%) CMOS upgrade for older (bipolar) low dropout regulators. Designed ... 50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass From old datasheet system
|
MICROCHIP[Microchip Technology]
|
NCP590MN5DTAG NCP590MNADR2G NCP590MNOATAG NCP590MN |
Dual Output, High Accuracy Ultra Low Dropout
|
ON Semiconductor
|