PART |
Description |
Maker |
CY7C1483V33-100BGC CY7C1483V33-117BGC CY7C1483V33- |
IC, SDRAM, 64M BIT, 512KX4X32 BIT,3.3V,10NS,100MHZ,TSOP-86 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 7.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 CACHE SRAM, 6.5 ns, PBGA209 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 STANDARD SRAM, 7.5 ns, PBGA209 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 7.5 ns, PBGA165 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 6.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 2M X 36 STANDARD SRAM, 8.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 8.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 STANDARD SRAM, 5.5 ns, PBGA209
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
AS7C33256FT32_36A AS7C33256FT32_36A.V1.1 AS7C33256 |
3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 36 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 10 ns, PQFP100 DIODE ZENER SINGLE 1000mW 24Vz 10.5mA-Izt 0.05 5uA-Ir 18.2Vr DO41-GLASS 5K/AMMO From old datasheet system Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ALSC
|
AS7C33128FT32_36B AS7C33128FT36B-80TQIN AS7C33128F |
3.3V 128K x 32/36 Flow Through Synchronous SRAM 3.3 128K的x 32/36流通过同步SRAM 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 36 STANDARD SRAM, 8 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 10 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 6.5 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 36 STANDARD SRAM, 6.5 ns, PQFP100 128K X 32 STANDARD SRAM, 10 ns, PQFP100 14 X 20 MM, TQFP-100 LM3876 Overture™ Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute; Package: ISOLATED TO220; No of Pins: 11; Qty per Container: 20; Container: Rail LM3880/LM3880Q Power Sequencer; Package: SOT-23; No of Pins: 6; Qty per Container: 3000; Container: Reel LM3880/LM3880Q Power Sequencer; Package: SOT-23; No of Pins: 6; Qty per Container: 1000; Container: Reel Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. Integrated Silicon Solution, Inc. ALSC[Alliance Semiconductor Corporation]
|
CY7C1371D-100AXI CY7C1371D-100BGI CY7C1373D-100BZI |
18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 8.5 ns, PQFP100 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 18兆位(为512k × 36/1M × 18)流体系结构,通过与NoBLTM的SRAM 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 8.5 ns, PBGA165 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 6.5 ns, PBGA119 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 512K X 36 ZBT SRAM, 8.5 ns, PBGA165 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 6.5 ns, PQFP100 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 6.5 ns, PBGA165 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 512K X 36 ZBT SRAM, 8.5 ns, PBGA119
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1333 7C1333 CY7C1333-66AC CY7C1333-50AC |
64Kx32 Flow-Thru SRAM with NoBL Architecture(B>NoBL结构4Kx32流通式 SRAM) 64Kx32 Flow-Thru SRAM with NoBL⑩ Architecture From old datasheet system
|
Cypress Semiconductor Corp.
|
CY7C1383B-83BGC CY7C1383B-83BZC CY7C1383B-83AC CY7 |
512 36/1M 18 Flow-Thru SRAM 1M X 18 STANDARD SRAM, 10 ns, PQFP100 512 36/1M 18 Flow-Thru SRAM 1M X 18 STANDARD SRAM, 7.5 ns, PQFP100 512 36/1M 18 Flow-Thru SRAM 1M X 18 STANDARD SRAM, 10 ns, PBGA119 512 36/1M 18 Flow-Thru SRAM 1M X 18 STANDARD SRAM, 10 ns, PBGA165
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
KM718V887 |
256Kx18 Synchronous SRAM
|
Samsung Electronic Samsung semiconductor
|
IDT71V547S100PF IDT71V547S100PFI IDT71V547S80PF ID |
From old datasheet system 128K X 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Flow-Through Outputs 3.3V 128Kx36 ZBT Synchronous Flow-Through SRAM
|
IDT[Integrated Device Technology]
|
K7A401800B-QC K7A403600B-QC K7A403200B-QC K7A40360 |
128Kx36/x32 & 256Kx18 Synchronous SRAM 128Kx36/x32 & 256Kx18 Synchronous SRAM 128Kx36/x32
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
GS8162Z18B-133 GS8162Z18B-133I GS8162Z18B-200 GS81 |
133MHz 8.5ns 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 200MHz 6.5ns 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 150MHz 7.5ns 512K x 36 18MB pipelined and flow through synchronous NBT SRAM 250MHz 5.5ns 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 225MHz 6ns 512K x 36 18MB pipelined and flow through synchronous NBT SRAM 166MHz 7ns 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 200MHz 6.5ns 512K x 36 18MB pipelined and flow through synchronous NBT SRAM 225MHz 6ns 1M x 18 18MB pipelined and flow through synchronous NBT SRAM 133MHz 8.5ns 512K x 36 18MB pipelined and flow through synchronous NBT SRAM 166MHz 7ns 512K x 36 18MB pipelined and flow through synchronous NBT SRAM 250MHz 5.5ns 512K x 36 18MB pipelined and flow through synchronous NBT SRAM
|
GSI Technology
|
CY7C1355C-100AXC CY7C1355C-100BGXC CY7C1355C-133AX |
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBLArchitecture 512K X 18 ZBT SRAM, 7.5 ns, PBGA165 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBLArchitecture 512K X 18 ZBT SRAM, 6.5 ns, PBGA165 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBLArchitecture 512K X 18 ZBT SRAM, 6.5 ns, PBGA119 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|