PART |
Description |
Maker |
Q62702-C689-V4 Q62702-C690-V2 Q62702-C690-V1 Q6270 |
Photoelectric Sensor; Sensor Input Type:Fiber-Optic; Sensor Output:PNP; Switch Terminals:Connector; Leaded Process Compatible:No; Output Type:Transistor; Peak Reflow Compatible (260 C):No; Contact Current Max:150mA ; Sensor Input Type:Fiber Optic; Sensing Range Max:0.1mm; Sensor Output:PNP; Switch Terminals:Quick Connect; Leaded Process Compatible:No; Mounting Type:DIN Rail; Peak Reflow Compatible (260 C):No; Sensing Range Min:100mm NPN Silicon Transistors NPN硅晶体管
|
http:// SIEMENS[Siemens Semiconductor Group] SIEMENS AG Siemens Semiconductor G...
|
9DBU0531 |
slew rate for each output HCSL-compatible differential input
|
Integrated Circuit Syst... Integrated Device Techn...
|
L74VHC1GT09DTT1 L74VHC1GT09DFT2 L74VHC1GT09DTT3 |
2-Input AND Gate with Open Drain Output with LSTTL-Compatible Inputs
|
Leshan Radio Company
|
V7NB-30A180 |
NON-ISOLATED DC/DC CONVERTERS 12V Input / Programmable Output / 30A VRM 9.0 Compatible
|
Bel Fuse Inc.
|
HPU300-T033EE HPU300-T033II HPU300-T033KK HPU300-T |
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC 19?/a> COMPATIBLE EUROCARD TRIPLE OUTPUT 300 WATTS SWITCHING MODE POWER SUPPLIES UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC 19 COMPATIBLE EUROCARD TRIPLE OUTPUT 300 WATTS SWITCHING MODE POWER SUPPLIES UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC 19隆卤 COMPATIBLE EUROCARD TRIPLE OUTPUT 300 WATTS SWITCHING MODE POWER SUPPLIES
|
HITRON ELECTRONICS CORPORTION
|
54FCT244 54FCT244DM 54FCT244FM 54FCT244DMQB 54FCT2 |
Octal Buffer/Line Driver with TRI-STATE Outputs TTL input and output level compatible
|
Rochester Electronics
|
HSU360 HSU360-T033EI HSU360-T033II HSU360-T050DI H |
DUAL SELECTABLE AC INPUT AC-DC 19 COMPATIBLE DOUBLE EUROCARD MULTI-OUTPUT 360 WATTS SWITCHING MODE POWER SUPPLIES DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE EUROCARD MULTI-OUTPUT 360 WATTS SWITCHING MODE POWER SUPPLIES
|
HITRON ELECTRONICS CORPORTION
|
HSU300-T033II HSU300-T033EI HSU300-32 HSU300-T050D |
DUAL SELECTABLE AC INPUT AC-DC 19 COMPATIBLE DOUBLE EUROCARD MULTI-OUTPUT 300 WATTS SWITCHING MODE POWER SUPPLIES
|
HITRON ELECTRONICS CORPORTION
|
ZL50050 |
8 K Channel Digital Switch with High Jitter Tolerance, per Stream Rate Conversion (2, 4, 8, 16 or 32 Mbps), 32 Input and 32 Output Streams (Pin Compatible with MT90871)
|
Zarlink Semiconductor
|
451K 453K 451 453 |
Low-Cost, Versatile, 10/100kHz Frequency to Voltage Converters External Plug-In Power Supply; Series:; Output Voltage:15V; Output Power Max:30W; Output Current:2A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:84% RoHS Compliant: Yes
|
List of Unclassifed Manufacturers Intronics ETC[ETC] Electronic Theatre Controls, Inc.
|
REC10-2415DRWL REC10-6812DRWL REC10-6812DRWLZ REC1 |
10W DC/DC converter with 9V input, 15/670mA output 10W DC/DC converter with 9V input, 5/2000mA output 10W DC/DC converter with 69V input, -12/ -416mA output 10W DC/DC converter with 69V input, 5/2000mA output 10W DC/DC converter with 69V input, 15/670mA output 10W DC/DC converter with 69V input, -5/ -1000mA output ECONOLINE - DC/DC - CONVERTER 10W DC/DC converter with 68V input, -12/ -416mA output 10W DC/DC converter with 69V input, -15/ -333mA output 10W DC/DC converter with 69V input, 24/416mA output 10W DC/DC converter with 10V input, 5/2000mA output 10W DC/DC converter with 9V input, 12/830mA output
|
Recom International Power
|
FMS6501MSA28X FMS6501 FMS6501MSA28 |
12 Input 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|