PART |
Description |
Maker |
C9728DK-10 |
Flat panel sensor Cassette type X-ray sensor with USB 2.0 interface
|
Hamamatsu Corporation
|
C9252DK-14 |
Flat panel sensor Large area with tiling construction, high-speed frame rate
|
Hamamatsu Corporation
|
C10013SK |
Flat panel sensor High reliability, high sensitivity
|
Hamamatsu Photonics
|
SKDH146-L100 SKDH146_12-L100 SKDH146_16-L100 SKDH1 |
MOSFET; ID (A): 0.03; VDS (V): 6; Pch : 0.25; |yfs| (S) typ: 29/29; PG (dB) typ: 30/30; Ciss (pF) typ: 2.1/2.1; NF (dB) typ: 1.1/1.1; IDSS (mA): Package: CMPAK-6 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|
S3901-FX |
MOSFET, Switching; VDSS (V): 400; ID (A): 15; Pch : 100; RDS (ON) typ. (ohm) @10V: 0.34; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1100; toff (µs) typ: 0.077; Package: LDPAK (S)- (1)
|
Hamamatsu Photonics
|
MCP9804-E_MC MCP9804-E_MS MCP9804T MCP9804T-E/MC M |
±0.25°C Typ. Accuracy Digital Temperature Sensor 隆戮0.25隆?C Typ. Accuracy Digital Temperature Sensor
|
Microchip Technology
|
C10013SK |
Flat panel sensor High reliability, high sensitivity
|
Hamamatsu Corporation
|
C9311DK |
Flat panel sensor High sensitivity, high-speed frame rate, high resolution
|
Hamamatsu Corporation
|
MK03-1C90B-1500W09 |
MK Reed Sensor PROXIMITY SENSOR-PHOTOELECTRIC, CYLINDRICAL, PANEL MOUNT
|
MEDER ELECTRONIC AG
|
PA2020 |
5Gh Flat Panel Antena
|
Diswire
|