PART |
Description |
Maker |
AT49BV001A AT49BV001A-55JI AT49BV001A-55TI AT49BV0 |
128K x 8 (1M bit), 2.7-Volt Read and Write, Top or Bottom Boot Parametric Block Flash. 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage⑩ Flash Memory 1-MEGABIT (128K X 8) SINGLE 2.7-VOLT BATTERY-VOLTAGE⒙ FLASH MEMORY 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory AC 12C 12#12 SKT RECP JT 100C 100#22D SKT RECP AT49BV001A(N)(T) [Updated 9/03. 18 Pages] 128K x 8 (1M bit). 2.7-Volt Read and Write. Top or Bottom Boot Parametric Block Flash. AC 6C 3#16 3#4 SKT RECP Circular Connector; No. of Contacts:55; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No 1-megabit (128K x 8) Single 2.7-volt Battery-VoltageFlash Memory 1兆位128K的8)单2.7伏电池电压⑩闪存 1-megabit (128K x 8) Single 2.7-volt Battery-VoltageFlash Memory 128K X 8 FLASH 2.7V PROM, 55 ns, PQCC32 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
AM29LV160 AM29LV160BB70RSEB AM29LV160BB70REEB AM29 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 6800uF 100WV 20% *NO Pb* 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 16Mb(2M×81Mx16, 3V, CMOS引导扇区闪存 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PBGA48 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PDSO48 VARISTOR METAL-OXIDE 150V RAD.3 10MM-DIA BULK 2M X 8 FLASH 3V PROM, 70 ns, PDSO44 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 90 ns, PDSO44
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC http://
|
S25FL001D0FNAI013 S25FL001D0FNFI001 S25FL001D0FNFI |
2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
|
SPANSION[SPANSION]
|
AT49F2048A AT49F2048A-70RC AT49F2048A-70RI AT49F20 |
2M bit, 5-Volt Read and 5-Volt Write Flash, Bottom Boot From old datasheet system 2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO44 2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO48
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
AT49F080 AT49F080-12CC AT49F080-12CI AT49F080-12RC |
8-Megabit 1M x 8 5-volt Only Flash Memory 1M X 8 FLASH 5V PROM, 120 ns, PDSO40 8-Megabit (1M x 8) 5-volt ohly flash memory, 50mA active current, 0.3mA standbgy current
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
S29CD016J1JFAM033 S29CD016J1JFAM133 S29CD016J0JFAM |
32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O 512K X 32 FLASH 2.7V PROM, 54 ns, PQFP80 32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O 512K X 32 FLASH 2.7V PROM, 54 ns, PBGA80 32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O 32/16兆位的CMOS 2.6伏或3.3伏,只有同时写,双启动,突发模式闪存记忆体与VersatileI /输出
|
Spansion Inc. Spansion, Inc. SPANSION LLC
|
AT49BV2048 |
2-Megabit 3-volt Only Flash Memory(2M浣?3V???瀛???ī 2M bit. 2.7-Volt Read and 2.7-Volt Write. Byte-Write Flash. Bottom Boot
|
Atmel Corp.
|
AT45DB321B AT45DB321B-CC AT45DB321B-CI AT45DB321B- |
From old datasheet system 32M bit, 2.7-Volt Only Serial Interface Flash with two 528-Byte SRAM Buffers 32-megabit 2.7-volt Only DataFlash
|
ATMEL[ATMEL Corporation]
|
AM29F040B AM29F040B-70 29F040 AM29F040B-90PIB AM29 |
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 512K X 8 FLASH 5V PROM, 55 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 4兆位12亩8位)的CMOS 5.0伏只,统一部门快闪记忆 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 512K X 8 FLASH 5V PROM, 55 ns, PDSO32 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 512K X 8 FLASH 5V PROM, 70 ns, PDSO32 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 512K X 8 FLASH 5V PROM, 150 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 512K X 8 FLASH 5V PROM, 90 ns, PDSO32 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 512K X 8 FLASH 5V PROM, 90 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Uniform Sector Flash Memory 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only/ Uniform Sector Flash Memory
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
AM50DL9608GT75IS AM50DL9608GT70IS AM50DL9608GT70IT |
64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 8 Mbit SPECIALTY MEMORY CIRCUIT, PBGA73
|
Spansion Inc. Spansion, Inc.
|
S29CD016G0JFAA002 S29CD016G0JFAA012 S29CD016G0JFAA |
32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
|
SPANSION[SPANSION]
|
S29CD016G0JQFA212 S29CD032G0MFAA102 S29CD016G0MQAI |
32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
|
SPANSION
|