PART |
Description |
Maker |
AD9748 DAC8B10- DAC08 DAC_8B_10-100NS AD9708 AD970 |
Analog Devices: Data Converters: DAC 8-Bit, 10 ns to 100 ns Converters Selection Table Analog Devices: Data Converters: DAC 8-Bit 10 ns to 100 ns Converters Selection Table 8-Bit High Speed Multiplying D/A Converter (Universal Digital Logic Interface)
|
Analog Devices, Inc. AD[Analog Devices]
|
ZUS1R52405 ZUS62405 ZUS32412 |
DC-DC Converters PCB Mount type Rated input 5V, 12V, 24V or 48V DC Io=100%. 20max (Minimum input, Io=100%)
|
List of Unclassifed Manufacturers
|
GS100T300 GS100T300-12 GS100T300-15 GS100T300-24 G |
Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 2200uF; Voltage: 16V; Case Size: 10x20 mm; Packaging: Bulk 70W/100W的DC - DC转换器家 70W/100W DC-DC CONVERTERS FAMILY 70W/100W的DC - DC转换器家 70 W / 100 W DC-DC CONVERTERS FAMILY
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
5962-9684201HXC ADDC02815DATV_QMLH 5962-9684101HXC |
28 V/100 W DC/DC Converters with Integral EMI Filter
|
AD[Analog Devices]
|
ADDC02803SCKV ADDC02803SCTV ADDC02803SC ADDC02805S |
28 V/66 W/100 W DC/DC Converters with Integral EMI Filter
|
AD[Analog Devices]
|
CHB100W-24S3V3 CHB100W-24S24 CHB100W-24S12 CHB100W |
66 TO 100 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
|
RSG Electronic Components GmbH
|
EKI-2741LX EKI-2741LXI EKI-2741SX EKI-2741F |
10/100/1000T(X) to Fiber Optic Gigabit Industrial Media Converters
|
Advantech Co., Ltd.
|
IRFS59N10DPBF IRFB59N10DPBF IRFB59N10DPBF-15 |
59 A, 100 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET High frequency DC-DC converters
|
International Rectifier
|
VI-J20-CY-F1 VI-J20-IY VI-J20-EZ VI-J20-CZ VI-JW2- |
Half Brick DC-DC Converters 25 to 100 Watts Remote sense and current limit RoHS compliant (VE versions)
|
Vicor Corporation
|
FDN5630 |
N-Channel Power Trench MOSFET VDS (V) = 60V RDS(ON)100 m (VGS = 10V) Optimized for use in high frequency DC/DC converters
|
TY Semicondutor TY Semiconductor Co., Ltd
|
JFC100C JFC100C1 JFC100C3 JFC100C31 JFC075C JFC075 |
IC CONV DC-DC STEP DOWN 28VIN dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
|
Tyco Electronics
|
MAX710 MAX710ESE MAX711 MAX711ESE 1742 MAX711C_D M |
3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters 3.3V/5V或可调、升/降压型DC-DC转换 3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters 0.7 A SWITCHING REGULATOR, UUC16 3.3V/5V or Adjustable / Step-Up/Down DC-DC Converters From old datasheet system
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|