PART |
Description |
Maker |
0457501211 0457503111 |
FEMALE CRIMP TERMINAL H.C.S.PLUS MINI-FIT JR. SERIES
|
Molex Electronics Ltd.
|
39-00-0220 39-00-0222 39-00-0054 |
Crimp Pin Contact; Wire Size (AWG):24-18; Body Material:Phosphor Bronze; Series:5558; Operating Temp. Min:-40 C; Pitch Spacing:4.2mm; Voltage Rating:600V PHOSPHOR BRONZE, GOLD (30) OVER NICKEL FINISH, WIRE TERMINAL Multipole Connector; Body Material:PA Polyamide (Nylon) 6/2; Connecting Termination:Crimp; Operating Voltage:250V; Pitch Spacing:0.062" RoHS Compliant: Yes PHOSPHOR BRONZE, GOLD (30) OVER NICKEL FINISH, WIRE TERMINAL Connector Contact,PIN,CRIMP Terminal
|
Molex, Inc. MOLEX INC
|
0039000285 39-00-0285 |
2.36mm (.093) Diameter, Standard .093 Pin and Socket Crimp Terminal, Series 1381 2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1381 MOLEX Connector
|
Molex Electronics Ltd.
|
0039000282 39-00-0282 1189T |
2.36mm (.093) Diameter, Standard .093 Pin and Socket Crimp Terminal, Series 1189, Female 2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1189, Female MOLEX Connector
|
Molex Electronics Ltd.
|
16-02-0107 0016020107 |
SL?/a> Crimp Terminal, Series 70021, Male, with Tin (Sn) Plated Contact, 22-24 AWG, Reel SL Crimp Terminal, Series 70021, Male, with Tin (Sn) Plated Contact, 22-24 AWG, Reel
|
Molex Electronics Ltd.
|
016-02-0069 70058-0004 0016020069 |
SL Crimp Terminal, Series 70058, Female, with Tin (Sn) Plated Contact, 24-30 AWG, Reel SL?/a> Crimp Terminal, Series 70058, Female, with Tin (Sn) Plated Contact, 24-30 AWG, Reel
|
Molex Electronics Ltd.
|
0002065104 02-06-5104 |
1.57mm (.062) Diameter, Standard .062 Pin and Socket Crimp Terminal, Series 1561, Female, with 1.27μm (50μ) Gold (Au) Plated Brass Contact, 18-24 AWG 1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1561, Female, with 1.27渭m (50渭") Gold (Au) Plated Brass Contact, 18-24 AWG MOLEX Connector
|
Molex Electronics Ltd.
|
0008050301 08-05-0301 4366-P555 |
KK? Crimp Terminal, Series 4366, Female, with Selective Gold (Au) Plated Brass Contact, 18-24 AWG, Reel
|
Molex Electronics Ltd.
|
71851-0024 016-02-1124 0016021124 |
SL Crimp Terminal, Series 71851, Female, with 0.38μm (15μ) Selective Gold (Au) Plated Contact, 22-24 AWG, Reel
|
Molex Electronics Ltd.
|
71851-0006 016-02-0119 0016020119 |
SL Crimp Terminal, Series 71851, Female, with 0.38μm (15μ) Selective Gold (Au) Plated Contact, 24-30 AWG, Reel
|
Molex Electronics Ltd.
|
0002062132 02-06-2132 |
1.57mm (.062) Diameter, Standard .062 Pin and Socket Crimp Terminal, Series 1854, Male, with Tin (Sn) Plated Brass Contact, 24-30 AWG, Reel 1.57mm (.062) Diameter, Standard .062 Pin and Socket Crimp Terminal, Series 1854, Male, with Tin (Sn) Plated Brass Contact, 24-30 AWG, Bag MOLEX Connector
|
Molex Electronics Ltd.
|
|