PART |
Description |
Maker |
IRFB4710 |
Power MOSFET(Vdss=100v, Rds(on)max=0.014ohm, Id=75A) 功率MOSFET(减振钢板基本\u003d 100伏时,RDS(on)的最大值\u003d 0.014ohm,身份证\u003d 75A条)
|
International Rectifier, Corp.
|
IRF5NJ540 |
Avalanche Energy Ratings POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.052ohm, Id=22A*) SURFACE MOUNT (SMD-0.5)100V, N-CHANNEL 100V Single N-Channel Hi-Rel MOSFET in a SMD-0.5 package
|
IRF[International Rectifier]
|
IRF5Y9540CM |
-100V Single P-Channel Hi-Rel MOSFET in a TO-257AA package THRU-HOLE (TO-257AA) 100V, P-CHANNEL POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.117ohm, Id=-18A)
|
International Rectifier
|
STD60NF06 STD60NF06T4 CD00003115 D60NF06 |
STD60NF06 N-channel 60V - 0.014ohm - 60A - DPAK STripFET II Power MOSFET
|
ST Microelectronics STMicroelectronics
|
FDPF3860T |
100V N-Channel PowerTrench MOSFET; Package: TO-220F; No of Pins: 3; Container: Rail N-Channel PowerTrench㈢ MOSFET 100V, 20A, 38.2mヘ N-Channel PowerTrench? MOSFET 100V, 20A, 38.2mΩ
|
FAIRCHILD SEMICONDUCTOR CORP
|
IRF5EA1310 |
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.036ohm, Id=23A) THRU-HOLE MOUNT (LCC-28) 100V, N-CHANNEL
|
IRF[International Rectifier]
|
FQI44N10 FQB44N10 FQB44N10TM |
100V N-Channel QFET 100V N-Channel MOSFET 43.5 A, 100 V, 0.039 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
IRF5N3710 |
100V Single N-Channel Hi-Rel MOSFET in a SMD-1 package POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.028ohm, Id=45A)
|
IRF[International Rectifier]
|
FQD19N10L FQU19N10L FQD19N10LTF FQD19N10LTM |
GIGATRUE CAT6 UNIVERSAL JACK, WHITE 100V LOGIC N-Channel MOSFET 100V N-Channel Logic Level QFET
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
IRF5M5210 IRF5M5210D IRF5M5210UPBF IRF5M5210-15 |
-100V Single P-Channel Hi-Rel MOSFET in a TO-254AA package 34 A, 100 V, 0.07 ohm, P-CHANNEL, Si, POWER, MOSFET POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.07ohm, Id=-34A) Avalanche Energy Ratings
|
IRF[International Rectifier]
|
FQH70N10 |
100V N-Channel Q-FET FQH70N10 100V N-Channel MOSFET FQH70N10 100V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|