PART |
Description |
Maker |
SP8855DIGHCAR SP8855DKGHCAR SP8855D |
1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
|
ZARLINK[Zarlink Semiconductor Inc]
|
SP8854EKGHCAR SP8854E SP8854EIGHCAR |
2.7GHz Parallel Load Professional Synthesiser
|
ZARLINK[Zarlink Semiconductor Inc]
|
SP8854EKGHCAR |
2・7GHz Parallel Load Professional Synthesiser
|
Mitel Networks Corporat...
|
MAX1662 MAX1663 MAX1661-MAX1663 MAX1661 MAX1661EUB |
TRIPLE MOSFET DRIVER|BICMOS|TSSOP|10PIN|PLASTIC SWITCHING CONTROLLER, PDSO10 Serial-to-Parallel/Parallel-to-Serial Converters and Load-Switch Controllers with SMBus Interface Serial to Parallel Parallel to Serial Converters and Load Switch Controllers with SMBus Interface Serial-parallel/parallel-to-serial converter and load-switch controller with SMBus interface
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
RFRX1702 |
GaAs MMIC IQ Downconverter 17.7GHz to 19.7GHz
|
RF Micro Devices
|
HD74LS165 HD74LS165A |
Parallel-Load 8-bit Shift Register
|
HITACHI[Hitachi Semiconductor]
|
HD74LV165A |
Parallel-Load 8-bit Shift Register
|
HITACHI[Hitachi Semiconductor]
|
HD74HC166 |
Parallel-load 8-bit Shift Register
|
Hitachi Semiconductor
|
AS7C31025A-20TJI AS7C1025A AS7C1025A-10JC AS7C1025 |
3.3V 128K x 8 CM0S SRAM (revolutionary pinout), 12ns access time 3.3V 128K x 8 CM0S SRAM (revolutionary pinout), 20ns access time 5V 128K x 8 CM0S SRAM (revolutionary pinout), 20ns access time 5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 10 ns, PDSO32 5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Triple 3-Input NAND Gates 14-SOIC -55 to 125 Parallel-Load 8-Bit Shift Registers 16-VQFN -40 to 85 Parallel-Load 8-Bit Shift Registers 16-SO -40 to 85 High Speed CMOS Logic Quad 2-Input AND Gates 14-SOIC -55 to 125 High Speed CMOS Logic Quad 2-Input AND Gates 14-TSSOP -55 to 125 Parallel-Load 8-Bit Shift Registers 16-SOIC -40 to 85 Parallel-Load 8-Bit Shift Registers 16-TSSOP -40 to 85 5V 128K x 8 CM0S SRAM (revolutionary pinout), 12ns access time 5V 128K x 8 CM0S SRAM (revolutionary pinout), 15ns access time 3.3V 128K x 8 CM0S SRAM (revolutionary pinout), 15ns access time
|
Alliance Semiconductor ... Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
LT5522EUF LT5522EUFTR |
600MHz to 2.7GHz High Signal Level Downconverting Mixer; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 125°C TELECOM, CELLULAR, RF AND BASEBAND CIRCUIT, PQCC16 400MHz to 2.7GHz High Signal Level Downconverting Mixer
|
Linear Technology, Corp.
|
ISL6622A ISL6610 ISL6610A ISL6612 ISL6612A ISL6614 |
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
|
Intersil Corporation
|