PART |
Description |
Maker |
MC100EP16VA MC100EP17 MC100EP29 MC100EP35 MC100EP4 |
3.3V / 5V ECL Differential Receiver/Driver with High Gain 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5V ECL Dual Differential Data and Clock D Flip?Flop With Set and Reset 3.3V / 5V ECL JK Flip?Flop 3.3V/5V ECL 8?Bit Serial/Parallel Converter 3.3V / 5V ECL Differential Data and Clock D Flip?Flop 3.3V / 5V ECL 4:1 Differential Multiplexer 3.3V / 5V ECL 2:1 Multiplexer 9?Bit TTL to ECL Translator 3.3V / 5V ECL 8?Bit Synchronous Binary Up Counter 3.3V / 5V ECL 2?Input Differential AND/NAND 3.3V / 5V ECL Quad 4?Input OR/NOR 3.3V / 5V ECL Quad 2?Input Differential AND/NAND 3.3 V / 5 V Hex Differential Line Receiver/Driver 3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 卤2/4, 卤4/5/6 Clock Generation Chip 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination 3.3V ECL Programmable Delay Chip 3.3V / 5V ECL D Flip?Flop with Set and Reset 3.3V / 5V ECL 卤2 Divider 3.3V / 5V ECL 卤4 Divider 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter 3.3V / 5V ECL 6?Bit Differential Register with Master Reset 3.3V / 5V ECL D Flip?Flop with Reset and Differential Clock 3.3V / 5V ECL Dual Differential 2:1 Multiplexer 3.3V / 5V ECL Coaxial Cable Driver ?3.3V / ?5V Triple ECL Input to LVPECL/PECL Output Translator 3.3V LVTTL/LVCMOS to Differential LVPECL Translator
|
ONSEMI[ON Semiconductor]
|
MC100H646 MC100EP445FA MC100E156FNR2 MC100EPT22D M |
PECL/TTL-TTL 1:8 Distribution Chip 3.3V / 5VECL 8-Bit Serial/Parallel Converter 5V ECL 3-Bit 4:1 Mux-Latch 3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V / 5V 2-Input Differential AND/NAND 3.3V / 5V ECL ÷2 Divider 5V ECL Divide by 2, Divide by 4/6 Clock Generation Chip 5V ECL Low Impedance Driver
|
ON Semiconductor
|
MC100EP445 MC10H100MEL MC10E1651FNR2 NUP4201MR6T1 |
3.3V / 5VECL 8-Bit Serial/Parallel Converter Quad 2-Input NOR Gate With Strobe 5V, -5V ECL Dual ECL Output Comparator With Latch Low Capacitance Surface Mount TVS for High-Speed Data Interfaces -3.3V / -5V Triple ECL Input to PECL Output Translator 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator
|
ON Semiconductor
|
MC100EP446FAG MC100EP446FAR2G MC100EP446MNG MC100E |
3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
|
ONSEMI[ON Semiconductor]
|
100393QC 100393 100393QCX |
Low Power 9-Bit ECL-to-TTL Translator with Latches From old datasheet system ECL-to-TTL Translator 9 ECL TO TTL TRANSLATOR, TRUE OUTPUT, PQCC28
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
LTC1609 LTC1609ACSW LTC1609AISW LTC1609CG LTC1609C |
Round, Jacket Mass-Terminated Cable, 3659/40 28 AWG, .050 (1.27) 3-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO28 16-Bit, 200ksps, Serial ADC with Multiple Input Ranges 16-Bit, 200ksps, ADC, Serial Interface 16-Bit, 200ksps, Serial Sampling ADC
|
Linear Technology, Corp.
|
MAX1069 MAX1069ACUD MAX1069BCUD MAX1069CCUD MAX106 |
0.3-6V; 58.6ksps, 14-bit, 2-wire serial 8-bit serial ADC. For hand-held portable applications, medical instrumnets, battery-powered test equipment, solar-powered remote systems, received-signal-strength indicators, system supervision 58.6ksps 14-Bit 2-Wire Serial ADC " 58.6ksps, 14-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP" 58.6ksps / 14-Bit / 2-Wire Serial ADC
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MC100EP35DR2 MC100EP33D NB100LVEP17MN |
3.3V / 5V ECL JK Flip Flop 3.3V / 5V ECL ÷4 Divider 2.5 V / 3.3 V ECL Quad Differential Driver/Receiver
|
ON Semiconductor
|
74F676PC 74F676SC 74F676SPC 74F676 |
SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Pin Plunger Actuator, Solder Termination F/FAST SERIES, 16-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, TRUE OUTPUT, PDIP24 16-Bit Serial/Parallel-In / Serial-Out Shift Register 16-Bit Serial/Parallel-In, Serial-Out Shift Register
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MC10H68006 MC10H680FNR2G MC100H680 MC100H680FN MC1 |
Quad Bus TRS/Rectifier ECL Differential; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 QUAD TTL TO ECL TRANSCEIVER, COMPLEMENTARY OUTPUT, PQCC28 4−Bit Differential ECL Bus to TTL Bus Transceiver
|
ONSEMI[ON Semiconductor]
|