PART |
Description |
Maker |
FDD6632 |
N-Channel Logic Level UltraFET Trench Power MOSFET 30V, 9A, 90mз 4 A, 30 V, 0.09 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 N-Channel Logic Level UltraFET Trench Power MOSFET 30V/ 9A/ 90m N-Channel Logic Level UltraFET Trench Power MOSFET 30V, 9A, 90mOhm
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDMC86244 |
150V N-Channel Power TrenchMOSFET N-Channel Power Trench? MOSFET 150 V, 9.4 A, 134 mΩ
|
Fairchild Semiconductor
|
ISL9N308AP3 ISL9N308AS3ST |
N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 8mOhm N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 8m ? N-CHANNEL LOGIC LEVEL ULTRAFET TRENCH MOSFETS 30V, 75A, 8M з N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 8m з 75 A, 30 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
Fairchild Semiconductor, Corp.
|
FDMC86324 |
N-Channel Power Trench MOSFET 80 V, 20 A, 23 milliohm 80V N-Channel Power TrenchMOSFET
|
Fairchild Semiconductor
|
ISL9N322AD3ST |
POWER SUP SWITCHER 41W 5.1V MED 20 A, 30 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA N-Channel Logic Level UltraFET Trench MOSFET 30V, 20A, 0.022 з N-Channel Logic Level UltraFET Trench MOSFET 30V 20A 0.022 N-Channel Logic Level UltraFET Trench MOSFET 30V, 20A, 0.022 ?
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDMC86320 |
N-Channel Power Trench MOSFET 80 V, 22 A, 11.7 m
|
Fairchild Semiconductor
|
GKI10301 |
N Channel Trench Power MOSFET
|
SANKEN
|
FDBL86210-F085 |
N-Channel Power Trench? MOSFET
|
Fairchild Semiconductor
|
FDMC7660S |
N-Channel Power Trench? SyncFET 30 V, 20 A, 2.2 mΩ
|
Fairchild Semiconductor
|
FDMC7678 |
N-Channel Power Trench? MOSFET
|
Fairchild Semiconductor
|
FDMC8321L |
N-Channel Power Trench MOSFET
|
Fairchild Semiconductor
|
GWM220-004P3 |
Three phase full bridge with Trench MOSFETs in DCB isolated high current package 220 A, 40 V, 0.0035 ohm, 6 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
IXYS, Corp. IXYS[IXYS Corporation]
|
|