PART |
Description |
Maker |
ATMEGA128 ATMEGA128L |
128-Kbyte self-programming Flash Program Memory, 4-Kbyte SRAM, 4-Kbyte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. Up to 16 MIPS throughput at 16 Mhz. 128-Kbyte self-programming Flash Program Memory, 4-Kbyte SRAM, 4-Kbyte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. Up to 8 MIPS throughput at 8 Mhz. 3 Volt Operation.
|
Atmel
|
ATMEGA8535 ATMEGA8535L |
8-Kbyte self-programming Flash Program Memory, 544 Byte SRAM, 512 Byte EEPROM, 8-channel 10-bit A/D Converter. Up to 16 MIPS throughput at 16 MHz. 8-Kbyte self-programming Flash Program Memory, 544 Byte SRAM, 512 Byte EEPROM, 8-channel 10-bit A/D Converter. Up to 8 MIPS throughput at 8 MHz. 3 Volt Operation
|
Atmel
|
P87CL881H P87CL881H/000 |
Low-voltage microcontroller with 63-kbyte OTP program memory and 2-kbyte RAM
|
NXP Semiconductors
|
ST10F272B12 ST10F272E12 |
16-bit MCU with 256 Kbyte Flash memory and 12/20 Kbyte RAM
|
STMicroelectronics
|
ST10F272B ST10F272E |
16-bit MCU with 256 Kbyte Flash memory and 12/20 Kbyte RAM
|
STMicroelectronics
|
ST10F27606 |
16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
|
STMicroelectronics
|
SPI_SLE66CL160S_06_99 SLE66CL160S |
Dual Interface 16-bit Security Controller with 32-Kbyte ROM, 1280 bytes RAM and 16-Kbyte EEPROM(双接6位安全控制器(B>32-K字节ROM,1280字节RAM6-K字节EEPROM)) From old datasheet system
|
SIEMENS AG
|
BUT102 |
3.3V range 8-bit MCU for automotive with 16/32 Kbyte Flash or 16 Kbyte ROM, 10-bit ADC, 4 timers, SPI and SCI interfaces 晶体管|晶体管|进步党| 300V五(巴西)总裁| 50A条一(c)|
|
STMicroelectronics N.V.
|
M50FLW040AK5P M50FLW040ANB5P M50FLW040A06 M50FLW04 |
4-Mbit (5 ??64 Kbyte blocks 3 ??16 ??4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory 4-Mbit (5 】 64 Kbyte blocks 3 】 16 】 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
|
STMICROELECTRONICS[STMicroelectronics]
|