PART |
Description |
Maker |
MAX6656 MAX6655-MAX6656 MAX6655MEE MAX6656MEE MAX6 |
Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors 4-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16 From old datasheet system
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
MAX6505 MAXIM MAX6506 MAX6507 MAX6508 MAX6505UTP01 |
Trip temperature -10, 30 mA, dual trip SOT temperature switch Trip point 35, 30 mA, dual trip SOT temperature switch Trip point 20, 30 mA, dual trip SOT temperature switch Trip temperature 85, 30 mA, dual trip SOT temperature switch Trip temperature 90, 30 mA, dual trip SOT temperature switch Trip temperature 65, 30 mA, dual trip SOT temperature switch Trip temperature 45, 30 mA, dual trip SOT temperature switch Trip temperature 15, 30 mA, dual trip SOT temperature switch Trip point -15, 30 mA, dual trip SOT temperature switch Trip point -35, 30 mA, dual trip SOT temperature switch Trip point -10, 30 mA, dual trip SOT temperature switch Trip point -5, 30 mA, dual trip SOT temperature switch Trip point 0, 30 mA, dual trip SOT temperature switch Trip temperature 95, 30 mA, dual trip SOT temperature switch Trip temperature 110, 30 mA, dual trip SOT temperature switch Trip temperature -20, 30 mA, dual trip SOT temperature switch Trip temperature 75, 30 mA, dual trip SOT temperature switch Trip point 70, 30 mA, dual trip SOT temperature switch Trip point 10, 30 mA, dual trip SOT temperature switch Dual Trip SOT Temperature Switches Trip point 5, 30 mA, dual trip SOT temperature switch Trip point 75, 30 mA, dual trip SOT temperature switch Trip temperature -25, 30 mA, dual trip SOT temperature switch Trip temperature -15, 30 mA, dual trip SOT temperature switch Trip point -30, 30 mA, dual trip SOT temperature switch Trip temperature 35, 30 mA, dual trip SOT temperature switch Trip temperature 55, 30 mA, dual trip SOT temperature switch Trip temperature 70, 30 mA, dual trip SOT temperature switch Trip temperature 40, 30 mA, dual trip SOT temperature switch Trip temperature 105, 30 mA, dual trip SOT temperature switch Trip point 25, 30 mA, dual trip SOT temperature switch Trip point 45, 30 mA, dual trip SOT temperature switch
|
MAX6508 MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX6416 MAX6418 MAX6412 MAX6413UK37-T MAX6413UK38- |
330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable; Temperature Range: -40°C to 85°C; Package: 8-PDIP " Low-Power, Single/Dual-Voltage ?P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay" Dual Long-Tailed Pair Transistor Array; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R 380MHz, SOT-23, Low Power Current Feedback Operational Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 12-Bit, 80 MSPS, High Speed Video D/A Converter; Temperature Range: 0°C to 70°C; Package: 28-SOIC Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection; Temperature Range: -40°C to 85°C; Package: 28-SOIC 380MHz, SOT-23, Low Power Current Feedback Operational Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Gilbert Cell UHF Transistor Array; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 850MHz, Low Distortion Programmable Gain Buffer Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 330MHz, Low Power, Current Feedback Video Operational Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 10-Bit, 40MSPS A/D Converter with CMOS Outputs; Temperature Range: 0°C to 70°C; Package: 28-SOIC T&R 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 8-Bit, 165/125/60MSPS, High Speed D/A Converter; Temperature Range: -40°C to 85°C; Package: 28-TSSOP T&R 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Complete, 12-Bit A/D Converters with Microprocessor Interface; Temperature Range: See Datasheet; Package: 28-PDIP 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 12-Bit, Low Cost, Monolithic D/A Converters; Temperature Range: 0°C to 70°C; Package: 24-PDIP 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 360MHz, Low Power, Video Operational Amplifier with Output Limiting; Temperature Range: -40°C to 85°C; Package: 8-SOIC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Dual Long-Tailed Pair Transistor Array; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R
|
Maxim Integrated Products, Inc. 电源管理 MAXIM INTEGRATED PRODUCTS INC
|
AM2168-45/BUA AM2169-70DCB AM2169-40PC AM2169-40LC |
Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator; Package: PDIP; No of Pins: 16; Temperature Range: -40°C to 85°C Micropower, 600kHz PWM DC/DC Converters; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower DC/DC Converter with Programmable Peak Current Limit; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Micropower DC/DC Converter with Programmable Peak Current Limit; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 5V RS232 Transceiver with 3V Logic Interface and One Receiver Active in Shutdown; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 5V RS232 Transceiver with 3V Logic Interface and One Receiver Active in Shutdown; Package: PDIP; No of Pins: 28; Temperature Range: 0°C to 70°C Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 1.5A Boost DC/DC Converter with Phase-Locked Loop; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C Low Cost Dual and Quad Video Amplifiers; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown; Package: PDIP; No of Pins: 14; Temperature Range: -40°C to 85°C Micropower, 600kHz PWM DC/DC Converters; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C x4 SRAM x4的SRAM
|
3M Company
|
MAX6639AEE MAX6639ATE MAX6639 |
2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
|
MAXIM[Maxim Integrated Products]
|
MAX663907 MAX6639 MAX6639AEE MAX6639ATE |
2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
|
Maxim Integrated Products
|
AD5172BRMZ100-RL7 AD5173BRMZ2.5-RL7 AD5172BRMZ10-R |
256-Position One-Time Programmable Dual Channel I2C Digital Potentiometer; Package: MSOP; No of Pins: 10; Temperature Range: Automotive DUAL 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO10 256-Position One-Time Programmable Dual-Channel I2C Compatible Digital Potentiometer; Package: MSOP; No of Pins: 10; Temperature Range: Automotive DUAL 2.5K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO10 256-Position One-Time Programmable Dual Channel I2C Digital Potentiometer; Package: MSOP; No of Pins: 10; Temperature Range: Automotive DUAL 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO10 256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
|
Analog Devices, Inc.
|
ADG722BRM-REEL |
CMOS, Low Voltage, 4 O Dual SPST Switch in 3 mm × 2 mm LFCSP; Package: MSOP; No of Pins: 8; Temperature Range: Industrial DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8
|
Analog Devices, Inc.
|
MAX6655 MAX665506 MAX6655MEE |
Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
|
Maxim Integrated Products Maxim Integrated Produc...
|
ADM1022ARQ-REEL ADM1022ARQ-REEL7 |
Remote Dual Channel Temperature Sensor Fan Control and Power Good Detection with Serial Interface
|
Analog Devices
|
ADM1022ARQ-REEL ADM1022ARQ-REEL7 |
Remote Dual Channel Temperature Sensor, Fan Control and Power Good Detection with Serial Interface
|
Analog Devices
|
|