PART |
Description |
Maker |
EMIF03-SIM02M8 |
3-line EMI filter and ESD protection for SIM card interfaces EMI Filtering & Signal Conditioning 3 line IPAD, EMI filter for SIM card applications
|
ST Microelectronics, Inc. STMicroelectronics
|
PEA01PS-50-1E PEA03PS-50-1E PEA03Q-50-1E PEA06W-50 |
250 V, 50/60 HZ, SINGLE PHASE EMI FILTER CHASSIS MOUNT, HIGH PERFORMANCE, SINGLE STAGE EMI/RFI LINE FILTER.
|
Power Dynamics, Inc. PowerDynamics, Inc POWER DYNAMICS INC
|
NFW31SP407X1E4L NFW31SP206X1E4L |
FILTER LC EMI 400MHZ 200MA 1206 1 FUNCTIONS, 25 V, 0.2 A, DATA LINE FILTER FILT, FILTER EMI 200MA 3DB CUTOFF 20MHZ 1 FUNCTIONS, 25 V, 0.2 A, DATA LINE FILTER
|
Murata Manufacturing Co., Ltd.
|
CSPEMI306AG CSPEMI306A |
6 Channel EMI Filter Array with ESD Protection 6通道EMI滤波器与ESD保护阵列 6 Channel EMI Filter (30dB @ 900MHz) with ESD Protection @ ±15KV (IEC61000-4-2 Level 4 Contact Discharge), Chip Scale Package
|
California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
2499-003-X5W0-502P 4204-051 4401-007 4401-680 4401 |
Feed-Thru Capacitor 1 FUNCTIONS, 500 V, 20 A, FEED THROUGH CAPACITOR EMI/RFI FILTER 1 FUNCTIONS, 100 V, 10 A, DATA LINE FILTER EMI/RFI FILTER Bushing #8 1 FUNCTIONS, 200 V, 10 A, FEED THROUGH CAPACITOR EMI/RFI FILTER Bushing #8 1 FUNCTIONS, 100 V, 10 A, FEED THROUGH CAPACITOR EMI/RFI FILTER Bushing #12
|
TUSONIX, Inc. TUSONIX INC
|
EMIF03-SIM02C210 EMIF03-SIM02C2 |
3-line EMI filter and ESD protection for SIM card interfaces 3-line IPAD EMI filter including ESD protection
|
ST Microelectronics STMicroelectronics
|
EMIF06-VID01F2 EMIF06-VID01F208 |
6-line EMI filter and ESD protection for display interfaces 6-line IPAD, low capacitance EMI filter and ESD protection
|
ST Microelectronics STMicroelectronics
|
NUF6001MU NUF6001MUT2G |
6 Line EMI Filter with ESD Protection(6绾垮甫ESD淇??EMI婊ゆ尝?? 6 Line EMI Filter with ESD Protection in UDFN Package
|
ON Semiconductor
|
EMIF06-10006F1 EMIF06-10006 |
±15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 6 LINES EMI FILTER AND ESD PROTECTION 6 LINES EMI FILTER AND ESD PROTECTION
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
4205-058 |
EMI/RFI FILTER Bushing #8 1 FUNCTIONS, 100 V, 15 A, DATA LINE FILTER
|
TUSONIX, Inc.
|