PART |
Description |
Maker |
FZT1151A FZT1151ATA FZT1151A-15 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V PNP Low Sat Transistor TRANS PNP -40V -3000MA SOT-223 3 A, 40 V, PNP, Si, POWER TRANSISTOR PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 3 A, 40 V, PNP, Si, POWER TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated Zetex Semiconductor PLC
|
MJE371 ON2036 |
POWER TRANSISTOR PNP SILICON 4 A, 40 V, PNP, Si, POWER TRANSISTOR, TO-225AA 4 AMPERE POWER TRANSISTOR PNP SILICON 40 VOLTS 40 WATTS From old datasheet system
|
ON Semiconductor MOTOROLA[Motorola, Inc]
|
2SA0886 2SA886 |
Silicon PNP epitaxial planar type (For low-frequency power amplification Complementary) 1.5 A, 40 V, PNP, Si, POWER TRANSISTOR, TO-126
|
Panasonic Corporation Panasonic, Corp.
|
2SA1009 2SA1009A 2SA1009AH 2SA1009AM 2SA1009J 2SA1 |
PNP SILICON POWER TRANSISTORS 进步党硅功率晶体 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 2 A, 350 V, PNP, Si, POWER TRANSISTOR, TO-220AB TRANSISTOR | BJT | PNP | 350V V(BR)CEO | 2A I(C) | TO-220AB TRANSISTOR | BJT | PNP | 400V V(BR)CEO | 2A I(C) | TO-220AB
|
NEC, Corp. NEC Corp. NEC[NEC]
|
2SB1631 |
Silicon PNP epitaxial planar type(For power amplification) 3 A, 60 V, PNP, Si, POWER TRANSISTOR
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
2SA1396 2SA1396-AZ 2SA1396M 2SA1396-K-AZ |
TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 10A I(C) | SOT-186 晶体管|晶体管|进步党| 100V的五(巴西)总裁| 10A条一(c)|的SOT - 186 10 A, 100 V, PNP, Si, POWER TRANSISTOR PNP SILICON POWER TRANSISTOR
|
NEC, Corp.
|
2SB941 2SB941A 2SD1266A 2SB0941 2SD1266 2SB941APQ |
Silicon PNP epitaxial planar type power transistor Silicon PNP epitaxial planar type(For low-frequency power amplification) 3 A, 80 V, PNP, Si, POWER TRANSISTOR 3 A, 60 V, PNP, Si, POWER TRANSISTOR
|
PANASONIC[Panasonic Semiconductor] PANASONIC CORP
|
2N5883 |
Complementary Silicon PNP Power Transistor(25A00W0V(集电极-发射极),补偿型PNP功率晶体 25 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-204AA
|
ON Semiconductor
|
MMDJ3P03BJT |
DUAL BIPOLAR POWER TRANSISTOR PNP SILICON 30 VOLTS 3 AMPERES 3 A, 30 V, 2 CHANNEL, PNP, Si, POWER TRANSISTOR, SO-8
|
Motorola Mobility Holdings, Inc.
|
SDH03 |
PNP NPN Darlington H-bridge PNP NPN Darlington Transistors (H-bridge)(PNP NPN达林顿晶体管(H桥)) 1.5 A, 100 V, 4 CHANNEL, NPN AND PNP, Si, POWER TRANSISTOR
|
Sanken Electric Co., Ltd.
|
2STN254008 2STN2540 |
5 A, 40 V, PNP, Si, POWER TRANSISTOR Low voltage fast-switching PNP power bipolar transistor
|
STMicroelectronics
|
|