PART |
Description |
Maker |
TOPP244R TOP242-249 TOP243P TOP245Y TOP242G |
Family Extended Power/ Design Flexible/Integrated Off-line Switcher Family Extended Power, Design Flexible,Integrated Off-line Switcher 家庭扩展的电源,设计灵活,集成的离线切换 Family Extended Power, Design Flexible,Integrated Off-line Switcher 1.44 A SWITCHING REGULATOR, 140 kHz SWITCHING FREQ-MAX, PDIP7 Family Extended Power / Design Flexible / Integrated Off-line Switcher
|
Power Integrations Inc. Power Integrations, Inc. POWER INTEGRATIONS INC
|
AN1262 |
OFFLINE FLYBACK CONVERTERS DESIGN METHODOLOGY WITH THE L6590 FAMILY
|
SGS Thomson Microelectronics
|
CS2000 |
New Clocking Family Offers System Flexibility, Lower Cost, and Easier System Design
|
Cirrus Logic
|
AN202-1 AN202 |
Technical Consideration for Migrating CS5460-Based Design to CS5460A-Based Design From old datasheet system
|
Cirrus Logic
|
MC9S12C32CFAE25 MC9S12C32CFA16 MC9S12C32CFA25 MC9S |
MC9S12C Family MC9S12GC Family Reference Manual
|
Freescale Semiconductor, Inc Freescale Semiconductor, In... Freescale Semiconductor...
|
28F200CV-B 28F200BV-T 28F200CV-T PA28F400CV-T80 28 |
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY USB 2.0 Cables; Connector Type A:USB Type A Male; Connector Type B:USB Type B Male; Cable Length:10ft; Approval Bodies:UR, CSA; Contact Material:Platinum; Wire Size (AWG):28-24 POWERLINE: RP30-S_DEW - 4:1 Wide Input Voltage Range- 30 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- International Safety Standard Approvals- Standard 50.8 x40.6x10.2mm Package- Efficiency to 88% POWERLINE: RP40-S_D_TE - 2:1 Wide Input Voltage Range- 40 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- Design Meet Safety Standard- Standard 76.2 x66.0x10.2mm Package- Efficiency to 90% LAMP FILAMENT 14V 16MM SWITCH OPERATOR RECT 1 OR 2 POLE 2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 2兆位SmartVoltage启动块闪存系 2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 8 FLASH 5V PROM, 110 ns, PDSO48 2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 512K X 8 FLASH 5V PROM, 110 ns, PDSO48 2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 1M X 8 FLASH 5V PROM, 60 ns, PDSO48
|
Intel Corporation http:// Intel Corp. Intel, Corp.
|
Q38-U24-XZ Q38-U48-XZ |
Versatile mechanical design maximizes design flexibility
|
List of Unclassifed Man...
|
HER306-T3 HER306-TB HER302-T3 HER302-TB HER308 HER |
3.0A HIGH EFFICIENCY RECTIFIER 3.0A的高效整 85000 GATE 3.3 VOLT LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN 28000 GATE 3.3 VOLT LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN 20000 GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
CM100TU-12F |
Trench Gate Design Six IGBTMOD?/a> 100 Amperes/600 Volts Trench Gate Design Six IGBTMOD⑩ 100 Amperes/600 Volts Trench Gate Design Six IGBTMOD 100 Amperes/600 Volts 240 x 128 pixel format, CFL Backlight with power harness
|
POWEREX[Powerex Power Semiconductors]
|
IDT77950 77950_DS_39296 IDT77955 |
SwitchStar ATM 1.24Gbps Switch Reference Design **NOT RECOMMENDED FOR NEW DESIGNS** 155Mbps Optical Line Card for IDT77950 Switch **NOT RECOMMENDED FOR NEW DESIGNS** SwitchStarTM Reference Design Using the IDT77V400 Switching Memory and IDT77V500 Switch Controller From old datasheet system
|
Integrated Device Technology IDT ETC[ETC] List of Unclassifed Manufacturers
|
XC2S100E XC2S100E-6FG456C XC2S100E-6FG456I XC2S100 |
Second generation ASIC replacement technology CLAMP FPGA, 600 CLBS, 37000 GATES, 357 MHz, PBGA456 CLAMP FPGA, 864 CLBS, 52000 GATES, 357 MHz, PBGA456 Spartan-IIE 1.8V FPGA Family FPGA, 1536 CLBS, 93000 GATES, 400 MHz, PQFP208 Spartan-IIE 1.8V FPGA Family FPGA, 384 CLBS, 23000 GATES, 357 MHz, PQFP144 Spartan-IIE 1.8V FPGA Family FPGA, 864 CLBS, 52000 GATES, 357 MHz, PQFP208 Spartan-IIE 1.8V FPGA Family FPGA, 1536 CLBS, 93000 GATES, 357 MHz, PQFP144 Spartan-IIE 1.8V FPGA Family FPGA, 864 CLBS, 52000 GATES, 357 MHz, PBGA456 Spartan-IIE 1.8V FPGA Family 的Spartan - IIE 1.8V的FPGA系列 Spartan-IIE 1.8V FPGA Family FPGA, 1536 CLBS, 93000 GATES, 357 MHz, PBGA256 Spartan-IIE 1.8V FPGA Family Spartan - IIE 1.8V的FPGA系列 Spartan-IIE 1.8V FPGA Family: Introduction and Ordering Information
|
XILINX INC Xilinx, Inc. XINLINX XILINX[Xilinx, Inc]
|
CM150TJ-12F |
Trench Gate Design Six IGBTMOD?/a> 150 Amperes/600 Volts Trench Gate Design Six IGBTMOD⑩ 150 Amperes/600 Volts Trench Gate Design Six IGBTMOD 150 Amperes/600 Volts 128 x 64 pixel format, LED or EL Backlight available
|
POWEREX[Powerex Power Semiconductors]
|