PART |
Description |
Maker |
MBRB1090 MBRB10100 MBRF10100 MBR1090 MBRF1090 MBR1 |
High Voltage Schottky Rectifiers Reverse Voltage 90 to 100V Forward Current 10A
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
SB10150 WTESB10150 |
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
|
Won-Top Electronics
|
SB10200 |
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
|
Won-Top Electronics
|
VC-710-DFF-GFM-200.000 VC-710 VC-710-DFC-GFA-125.0 |
CRYSTAL 20.0000 MHZ 18PF SMD 压控晶体振荡 CONNECTOR ACCESSORY 连接器附 Voltage Controlled Crystal Oscillator 压控晶体振荡 RECTIFIER SCHOTTKY DUAL 10A 45V 125A-ifsm 0.7V-vf 0.1mA-ir TO-220AB 50/TUBE 压控晶体振荡 RECTIFIER SCHOTTKY SINGLE 10A 40V 150A-ifsm 0.84V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY SINGLE 10A 45V 150A-ifsm 0.84V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY SINGLE 10A 50V 150A-ifsm 0.95V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL 10A 40V 125A-ifsm 0.7V-vf 0.1mA-ir TO-220AB 50/TUBE XTAL CER SMT 6X3.5 2PAD AB 6C 6#16 SKT PLUG
|
Electronic Theatre Controls, Inc. ETC[ETC] Vectron International, Inc
|
10TQ045S 10TQ040S 10TQ030S 10TQ035 10TQ 10TQ045 10 |
SCHOTTKY RECTIFIER 肖特基整流器 35V 10A Schottky Discrete Diode in a D2-Pak package 35V0A条肖特基二极管的分立的一D2 - PAK封装 40V 10A Schottky Discrete Diode in a D2-Pak package 35V 10A Schottky Discrete Diode in a TO-220AC package 45V 10A Schottky Discrete Diode in a TO-220AC package 45V 10A Schottky Discrete Diode in a D2-Pak package
|
International Rectifier, Corp. SIEMENS AG IRF[International Rectifier]
|
SM10150D11 |
Voltage 150 V 10A Schottky Barrier Rectifiers
|
SeCoS Halbleitertechnologie GmbH
|
SGC1050S-15 |
Surface Mount Schottky Rectifier Reverse Voltage 50~60V Forward Current 10A
|
GOOD-ARK Electronics
|
SBA100-09J |
90V, 10A Rectifier(用于高频整流应用的重复反向电0V,平均整流电0A 整流 90V/ 10A Rectifier Schottky Barrier Diode (Twin Type Cathode Common) 90V, 10A Rectifier
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
SBA100-04J |
40V/ 10A Rectifier 40V 10A Rectifier Schottky Barrier Diode (Twin Type Cathode Common) 40V, 10A Rectifier
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
SBA100-04Y SBA100-04YSMP-FD |
10 A, 40 V, SILICON, RECTIFIER DIODE SMP-FD, 3 PIN Schottky Barrier Diode (Twin Type Cathode Common) 40V, 10A Rectifier 40V 10A Rectifier 40V/ 10A Rectifier
|
SANYO Semiconductor Co., Ltd. SANYO[Sanyo Semicon Device]
|
S10C40 S10C40C S10C60D S10C30 S10C30A S10C30C S10C |
SCHOTTKY BARRIER RECTIFIERS(10A/30-60V) SCHOTTKY BARRIER RECTIFIERS(10A,30-60V) 肖特基(10A30 - 60V的)
|
MOSPEC[Mospec Semiconductor] Mospec Semiconductor, Corp.
|