PART |
Description |
Maker |
PSX96B-133MQ160 PSX160-80PQ240 PSX160-66PQ240 PSX1 |
-55V Single P-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU9024NCPBF with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220 Full-Pak package; Similar to IRLIB9343 with Lead Free Packaging User Programmable Special Function ASIC -150V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF6217 with Standard Packaging -30V P-Channel HEXFET Power MOSFET in a LeadFree SO-8 -package; A IRF7416QPBF with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7425 with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7425 with Lead-Free Packaging. -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR9343 with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR9024N with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR5505 with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR5305 with Lead Free Packaging 用户可编程ASIC的特殊功 -20V Single P-Channel HEXFET Power MOSFET in a 4-Lead FlipFET package; A IRF6100 with Standard Packaging 用户可编程ASIC的特殊功 -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7207 with Lead Free Packaging 用户可编程ASIC的特殊功 -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF4905S with Standard Packaging 用户可编程ASIC的特殊功
|
ITT, Corp. Ironwood Electronics
|
IRF3704 IRF3704L IRF3704S IRF3704STRL IRF3704STRR |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A? Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A) Power MOSFET(Vdss=20V Rds(on)max=9.0mohm Id=77A) Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A?) Power MOSFET(Vdss=20V/ Rds(on)max=9.0mohm/ Id=77A) CONNECTOR, PICOFLEX, 4WAY; Connector type:Wire-to-Board; Ways, No. of:4; Termination method:Crimp; Rows, No. of:2; Pitch:1.27mm; Series:91935 RoHS Compliant: Yes 功率MOSFET(减振钢板基本\u003d 20V的,的Rds(on)最大值\u003d 9.0mohm,身份证\u003d 77A条? TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 77A I(D) | TO-263AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRF3711ZL IRF3711ZS IRF3711Z |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier
|
PT7A7515 PT7A7513 PT7A7535 PT7A7531 |
MOSFET; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:67A; On-Resistance, Rds(on):7.9mohm; Rds(on) Test Voltage, Vgs:10V; Leaded Process Compatible:No; Package/Case:D2PAK; Peak Reflow Compatible (260 C):No RoHS Compliant: No 3.08V Reset Active Low Supervisor 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
|
IRL5NJ7404 2281 |
-20V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package HEXFET? POWER MOSFET From old datasheet system HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5) 20V, P-CHANNEL
|
IRF[International Rectifier]
|
IRFU3704ZPBF |
20V Single N-Channel HEXFET Power MOSFET in a I-Pak package
|
International Rectifier
|
IRL3102 |
20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier
|
IRFR3704TR IRFR3704PBF IRFR3704TRL IRFR3704TRR IRF |
20V Single N-Channel HEXFET Power MOSFET in a D-Pak package 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package
|
International Rectifier
|
IRL3715ZCSPBF |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
IRF3704ZSTRLPBF |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
IRL3302S IRL3302STRL IRL3302STRR |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|